データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTB1124 データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 KTB1124
部品情報  EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1124 データシート(HTML) 2 Page - KEC(Korea Electronics)

  KTB1124 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1124 Datasheet HTML 2Page - KEC(Korea Electronics) KTB1124 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 12. 6
2/3
KTB1124
Revision No : 3
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
10
-0.3
-0.1
-0.03
-0.01
COLLECTOR CURRENT I
(A)
C
h
- I
CE
COLLECTOR EMITTER VOLTAGE V
(V)
0-2
-4
-6
0
-0.4
-0.8
-1.2
-1.6
-2.0
-1.0
-2.0
-3.0
-4.0
-5.0
I =0
B
FE
C
-1
-3
-10
30
50
100
300
500
1k
V
=-2V
CE
-8 -10 -12
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-0.5
-1.5
-2.5
-3.5
-4.5
-5mA
-10mA
-20mA
-50mA
-100mA
-200mA
0
0
-0.8
-1.6
-2.4
-3.2
BASE EMITTER VOLTAGE V
(V)
-0.4
I
- V
C
BE
BE
-0.2
-0.6
-0.8
-1.0
-1.2
-0.4
-1.2
-2.0
-2.8
V
=-2V
CE
CE
I
- V
C
-14 -16 -18 -20
-2.0
I =0
B
-2mA
-4mA
-6mA
-8mA
-10mA
-12mA
-14mA
Ta=75 C
Ta=25 C
Ta=-25 C
-0.01
-10
-100
-30
-50
-500
-300
-1K
COLLECTOR CURRENT I
(A)
-0.1
-0.03
-0.3
-1
C
-3
-10
V
- I
CE(sat)
C
I /I =20
C B
Ta=-25 C
Ta=25 C
Ta=75 C
COLLECTOR CURRENT I
(A)
-0.03
-0.01
-0.1
-0.5
-0.3
-0.1
-0.3
-1
-10
-3
C
-10
-3
-1
-5
BE(sat)
V
- I C
C
I /I =20
Ta=-25 C
Ta=75 C
Ta=25 C
B


同様の部品番号 - KTB1124

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTB1124 KEC-KTB1124 Datasheet
521Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTB1124 FOSHAN-KTB1124 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Nanjing International G...
KTB1124 DGNJDZ-KTB1124 Datasheet
608Kb / 4P
   Medium power transistor(-60V,-3A)
logo
KEC(Korea Electronics)
KTB1124 KEC-KTB1124_08 Datasheet
521Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTB1124 KEC-KTB1124_15 Datasheet
521Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

同様の説明 - KTB1124

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTA1668 KEC-KTA1668 Datasheet
75Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
KTD1347 KEC-KTD1347 Datasheet
87Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
logo
Sanyo Semicon Device
2SB764 SANYO-2SB764_03 Datasheet
40Kb / 4P
   Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
2SB764 SANYO-2SB764 Datasheet
85Kb / 3P
   Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
KEC(Korea Electronics)
KTC4378 KEC-KTC4378 Datasheet
319Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)
KTA708 KEC-KTA708 Datasheet
76Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
MPS651 KEC-MPS651 Datasheet
73Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTD863 KEC-KTD863 Datasheet
311Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com