データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD16315 データシート(PDF) 8 Page - Renesas Technology Corp

部品番号 PD16315
部品情報  1/4- to 1/12-DUTY FIPTM(VFD) CONTROLLER/DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16315 データシート(HTML) 8 Page - Renesas Technology Corp

Back Button PD16315_15 Datasheet HTML 4Page - Renesas Technology Corp PD16315_15 Datasheet HTML 5Page - Renesas Technology Corp PD16315_15 Datasheet HTML 6Page - Renesas Technology Corp PD16315_15 Datasheet HTML 7Page - Renesas Technology Corp PD16315_15 Datasheet HTML 8Page - Renesas Technology Corp PD16315_15 Datasheet HTML 9Page - Renesas Technology Corp PD16315_15 Datasheet HTML 10Page - Renesas Technology Corp PD16315_15 Datasheet HTML 11Page - Renesas Technology Corp PD16315_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Data Sheet S14074EJ1V0DS
6
µµµµPD16315
5. KEY MATRIX AND KEY-INPUT DATA STORAGE RAM
The key matrix is made up of a 16 x 2 matrix, as shown below.
KEY1
KEY2
The data of each key is stored as follows, and is read with the read command starting from the least significant bit.
KEY1
KEY2
KEY1
KEY2 KEY1
KEY2 KEY1
KEY2
Seg1/KS1
Seg2/KS2
Seg3/KS3
Seg4/KS4
Seg5/KS5
Seg6/KS6
Seg7/KS7
Seg8/KS8
Seg9/KS9
Seg10/KS10
Seg11/KS11
Seg12/KS12
Reading Sequence
Seg13/KS13
Seg14/KS14
Seg15/KS15
Seg16/KS16
b0
b1
b2
b3
b4
b5
b6
b7
5.1 LED Port
Data is written to the LED port with the write command, starting from the least significant bit. “L” output when the bit of this
port is 0, and “H” output when the bit is 1. The data of bits after the 5th bit are ignored.
MSB
LSB
b3 b2 b1 b0
−−
Don't care
LED1
LED2
LED3
LED4
Remark Power ON application, all the LED ports are “L” output.


同様の部品番号 - PD16315_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
More results

同様の説明 - PD16315_15

メーカー部品番号データシート部品情報
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
   1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
logo
NEC
UPD16311 NEC-UPD16311 Datasheet
167Kb / 20P
   1/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD16315 ETC-AD16315 Datasheet
216Kb / 15P
   1/4-to 1/12 Duty VFD Controller/Driver
logo
Anachip Corp
AD6315 ANACHIP-AD6315 Datasheet
243Kb / 16P
   1/4- to 1/12 Duty VFD Controller/Driver
logo
NEC
UPD16315 NEC-UPD16315 Datasheet
103Kb / 20P
   1/4- to 1/12-DUTY FIP(VFD) CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16515 HOLTEK-HT16515 Datasheet
138Kb / 12P
   1/4 to 1/12 Duty VFD Controller
HT16515 HOLTEK-HT16515_15 Datasheet
185Kb / 14P
   1/4 to 1/12 Duty VFD Controller
HT16515 HOLTEK-HT16515_10 Datasheet
138Kb / 13P
   1/4 to 1/12 Duty VFD Controller
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
   1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com