データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS26S データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SS26S
部品情報  Surface Mount Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS26S データシート(HTML) 2 Page - Vishay Siliconix

  SS26S Datasheet HTML 1Page - Vishay Siliconix SS26S Datasheet HTML 2Page - Vishay Siliconix SS26S Datasheet HTML 3Page - Vishay Siliconix SS26S Datasheet HTML 4Page - Vishay Siliconix SS26S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS25S, SS26S
www.vishay.com
Vishay General Semiconductor
Revision: 28-Apr-14
2
Document Number: 89055
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) PCB mounted with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage (1)
IF = 1.0 A
TA = 25 °C
VF
0.51
-
V
IF = 2.0 A
0.60
0.75
IF = 1.0 A
TA = 125 °C
0.43
-
IF = 2.0 A
0.53
0.62
Maximum reverse current (2)
Rated VR
TA = 25 °C
IR
-200
μA
TA = 125 °C
1.5
10
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS25S
SS26S
UNIT
Typical thermal resistance (1)
RJA
100
°C/W
RJL
28
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS26S-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SS26S-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
SS26SHE3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
SS26SHE3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel
80
100
110
120
130
140
0
1.2
2.4
150
Resistive or Inductive Load
PCB Mounted on
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
Lead Temperature (°C)
90
0.8
2.0
0.4
1.6
1.4
1.2
0.8
0.4
0.2
0
0
0.4
0.8
1.2
1.6
2.0
2.4
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5 D = 0.8
D = 1.0
1.0
0.6
D = t
p/T
t
p
T


同様の部品番号 - SS26S

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS26S VISHAY-SS26S Datasheet
101Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 31-Jul-08
SS26S VISHAY-SS26S Datasheet
80Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 19-Apr-11
logo
Jinan Jing Heng Electro...
SS26S JINGHENG-SS26S Datasheet
468Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SS26S VISHAY-SS26S Datasheet
97Kb / 5P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS26S-E3/5AT VISHAY-SS26S-E3/5AT Datasheet
101Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 31-Jul-08
More results

同様の説明 - SS26S

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com