データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD168002 データシート(PDF) 11 Page - Renesas Technology Corp

部品番号 PD168002
部品情報  MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD168002 データシート(HTML) 11 Page - Renesas Technology Corp

Back Button PD168002_15 Datasheet HTML 7Page - Renesas Technology Corp PD168002_15 Datasheet HTML 8Page - Renesas Technology Corp PD168002_15 Datasheet HTML 9Page - Renesas Technology Corp PD168002_15 Datasheet HTML 10Page - Renesas Technology Corp PD168002_15 Datasheet HTML 11Page - Renesas Technology Corp PD168002_15 Datasheet HTML 12Page - Renesas Technology Corp PD168002_15 Datasheet HTML 13Page - Renesas Technology Corp PD168002_15 Datasheet HTML 14Page - Renesas Technology Corp PD168002_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet S16040EJ1V0DS
9
µ PD168002
Electrical Characteristics
(Unless otherwise specified, TA = 25
°C, VDD = 3 V, VM = 5 V (ch3 and ch4), VM = 8 V (ch1, ch2, ch5 and ch6) )
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
VDD pin current in standby mode
IDD(STB)
All control pin: Low level
1.0
µA
VDD pin current in during operation
IDD(ACT)
1.0
mA
VM pin current in during operation
IM
Output with no load, IN pin, EN pin: Low
level
100
µA
High-level input current
IIH
VIN = VDD
60
µA
Low-level input current
IIL
VIN = 0 V
−1.0
µA
Input pull-down resistance
RIND
50
200
k
High-level input voltage
VIH
2.7 V
≤ VDD ≤ 5.5 V
0.7 x VDD
V
Low-level input voltage
VIL
2.7 V
≤ VDD ≤ 5.5 V
0.3 x VDD
V
H-bridge on-state resistance 1
(ch1, ch2 and ch5)
Ron1
IM = 0.1 A (ch1 and ch2), IM = 0.2 A
(ch5), sum of upper and lower stages
2.0
3.0
H-bridge on-state resistance 2
(ch3 and ch4)
Ron2
IM = 0.2 A, sum of upper and lower
stages
1.2
2.0
H-bridge on-state resistance 3
(ch6)
Ron3
IM = 0.1 A, sum of upper and lower
stages
3.5
5.0
Output leakage current
IM(off)
Per VM pin, All control pin: Low level (VM
= MAX. value in the recommended
range)
10
µA
Low-voltage detection voltage
VDDS
1.7
2.5
V
Output turn-on time
Note
ton2
IM = 0.1 A (ch1, ch2 and ch6),
0.2
0.6
2.0
µs
Output turn-off time
Note
toff2
Refer to Figure 7
−1. H-bridge
Switching Waveform (when SEL12 = L)
and Figure 7
−2. H-bridge Switching
Waveform (when SEL12 = H) .
0.05
0.3
1.0
µs
Output turn-on time
Note
ton1
IM = 0.2 A (ch3 to ch5),
0.05
0.15
1.0
µs
Output turn-off time
Note
toff1
Refer to Figure 7
−2. H-bridge
Switching Waveform (when SEL12 = H)
(only when VINB = L) .
0.05
0.2
1.0
µs
Note For the turn-on time and the turn-off time, to fix one of two input pins to low level is conditions.
Remark The overheat protection circuit operates under Tch > 150°C. All outputs goes high impedance in the
protection status. Note that the overheat protection circuit and the undervoltage lockout circuit do not
operate in the standby status.


同様の部品番号 - PD168002_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results

同様の説明 - PD168002_15

メーカー部品番号データシート部品情報
logo
NEC
UPD168002 NEC-UPD168002 Datasheet
186Kb / 15P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
UPD168102 NEC-UPD168102 Datasheet
185Kb / 16P
   MONOLITHIC 6-CHANNEL H BRIDGE DRIVER
UPD16857 NEC-UPD16857 Datasheet
78Kb / 16P
   MONOLITHIC 6 channel H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
   MONOLITHIC H BRIDGE DRIVER
logo
NEC
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
   MONOLITHIC H BRIDGE DRIVER
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com