データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD178002 データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 PD178002
部品情報  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD178002 データシート(HTML) 5 Page - Renesas Technology Corp

  PD178002_15 Datasheet HTML 1Page - Renesas Technology Corp PD178002_15 Datasheet HTML 2Page - Renesas Technology Corp PD178002_15 Datasheet HTML 3Page - Renesas Technology Corp PD178002_15 Datasheet HTML 4Page - Renesas Technology Corp PD178002_15 Datasheet HTML 5Page - Renesas Technology Corp PD178002_15 Datasheet HTML 6Page - Renesas Technology Corp PD178002_15 Datasheet HTML 7Page - Renesas Technology Corp PD178002_15 Datasheet HTML 8Page - Renesas Technology Corp PD178002_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
µPD178002, 178003
3
Data Sheet U12628EJ3V0DS00
OVERVIEW OF FUNCTIONS
Part Number
µPD178002
µPD178003
Item
Internal
ROM (ROM configuration)
16 Kbytes (mask ROM)
24 Kbytes (mask ROM)
memory
High-speed RAM
512 bytes
General-purpose registers
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
0.44
µs/0.88 µs/1.78 µs/3.56 µs/7.11 µs/14.22 µs (with 4.5 MHz crystal
resonator used)
Instruction set
• 16-bit operation
• Multiply/divide (8 bits
× 8 bits, 16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, Boolean operation)
• BCD adjust, etc.
I/O port
Total:
62
CMOS input:
1
CMOS I/O:
54
N-ch open-drain I/O:
4
N-ch open-drain output:
3
A/D converter
8-bit resolution
× 3 channels
Serial interface
• 3-wire serial I/O mode: 1 channel
Timer
• Basic timer (timer carry FF (10 Hz)):
1 channel
• 8-bit timer/event counter:
2 channels
Buzzer (BEEP) output
1.5 kHz, 3 kHz, 6 kHz
Vectored
Maskable
Internal: 5, external: 2
interrupt
Software
1
sources
Test input
Internal: 1
PLL frequency
Division mode
Two types
synthesizer
• Direct division mode (VCOL pin)
• Pulse swallow mode (VCOH and VCOL pins)
Reference frequency
7 types selectable by program (1, 3, 5, 9, 10, 25, 50 kHz)
Charge pump
Error out output: 2
Phase comparator
Unlock detectable by program
Frequency counter
• Frequency measurement
• AMIFC pin: for 450 kHz count
• FMIFC pin: for 450 kHz/10.7 MHz count
Standby function
• HALT mode
• STOP mode
Reset
• Reset by RESET pin
• Reset by power-on clear circuit (3-value detection)
• Detection of less than 4.5 VNote (CPU clock: fX)
• Detection of less than 3.5 VNote (CPU clock: fX/2 or less and on power
application)
• Detection of less than 2.5 VNote (in STOP mode)
Supply voltage
• VDD = 4.5 to 5.5 V (with PLL operating)
• VDD = 3.5 to 5.5 V (with CPU operating, CPU clock: fX/2 or less)
• VDD = 4.5 to 5.5 V (with CPU operating, CPU clock: fX)
Package
• 80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
One-time PROM
µPD178P018A
Note
These voltage values are maximum values. The reset is actually executed at a voltage lower than these
values.


同様の部品番号 - PD178002_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
PD178004A RENESAS-PD178004A_15 Datasheet
417Kb / 58P
   PD178004A_15
More results

同様の説明 - PD178002_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com