データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD178023 データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 PD178023
部品情報  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD178023 データシート(HTML) 7 Page - Renesas Technology Corp

Back Button PD178023_15 Datasheet HTML 3Page - Renesas Technology Corp PD178023_15 Datasheet HTML 4Page - Renesas Technology Corp PD178023_15 Datasheet HTML 5Page - Renesas Technology Corp PD178023_15 Datasheet HTML 6Page - Renesas Technology Corp PD178023_15 Datasheet HTML 7Page - Renesas Technology Corp PD178023_15 Datasheet HTML 8Page - Renesas Technology Corp PD178023_15 Datasheet HTML 9Page - Renesas Technology Corp PD178023_15 Datasheet HTML 10Page - Renesas Technology Corp PD178023_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
5
µPD178023, 178024
Data Sheet U14126EJ2V0DS00
(2/2)
Item
µPD178023
µPD178024
Frequency counter
Frequency measurement
• AMIFC pin: For 450-kHz counting
• FMIFC pin: For 450-kHz/10.7-MHz counting
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Reset by power-ON clear circuit
• Detection of less than 4.5 VNote (Reset does not occur, however.)
• Detection of less than 3.5 VNote (during CPU operation)
• Detection of less than 2.3 VNote (in STOP mode)
Supply voltage
• VDD = 4.5 to 5.5 V (during CPU, PLL operation)
•VDD = 3.5 to 5.5 V (during CPU operation)
Package
• 80-pin plastic QFP (14
× 20)
• 80-pin plastic QFP (14
× 14)
Note
These voltages are the maximum values. In practice, the chip may be reset at voltages lower than these.


同様の部品番号 - PD178023_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
PD178002 RENESAS-PD178002_15 Datasheet
359Kb / 50P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
PD178004A RENESAS-PD178004A_15 Datasheet
417Kb / 58P
   PD178004A_15
PD178016GC-051 RENESAS-PD178016GC-051 Datasheet
577Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO APPLICATIONS
PD178016GC-051 RENESAS-PD178016GC-051_15 Datasheet
577Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO APPLICATIONS
PD178046 RENESAS-PD178046_15 Datasheet
315Kb / 42P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

同様の説明 - PD178023_15

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com