データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P006-004-YW データシート(PDF) 3 Page - Tripp Lite. All Rights Reserved

部品番号 P006-004-YW
部品情報  Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Yellow Plugs) 4-ft.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P006-004-YW データシート(HTML) 3 Page - Tripp Lite. All Rights Reserved

  P006-004-YW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P006-004-YW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P006-004-YW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved P006-004-YW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


同様の部品番号 - P006-004-YW

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
P006-004-BL TRIPPLITE-P006-004-BL Datasheet
492Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs) 4-ft
P006-004-GN TRIPPLITE-P006-004-GN Datasheet
491Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs) 4-ft.
P006-004-RD TRIPPLITE-P006-004-RD Datasheet
488Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG(NEMA 5-15P to IEC-320-C13 with Red Plugs) 4-ft
More results

同様の説明 - P006-004-YW

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
P006004YW TRIPPLITE-P006004YW Datasheet
481Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Yellow Plugs), 4-ft
P006-004-BL TRIPPLITE-P006-004-BL Datasheet
492Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs) 4-ft
P006-004-RD TRIPPLITE-P006-004-RD Datasheet
488Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG(NEMA 5-15P to IEC-320-C13 with Red Plugs) 4-ft
P006-004-GN TRIPPLITE-P006-004-GN Datasheet
491Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs) 4-ft.
P006004BL TRIPPLITE-P006004BL Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs), 4-ft
P006004GN TRIPPLITE-P006004GN Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs), 4-ft
P006004RD TRIPPLITE-P006004RD Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Red Plugs), 4-ft
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P004004YW TRIPPLITE-P004004YW Datasheet
482Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Yellow Plugs), 4-ft
P0300025 TRIPPLITE-P0300025 Datasheet
468Kb / 2P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 5-Pack, 2-ft
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com