データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F00311 データシート(PDF) 2 Page - Solid States Devices, Inc

部品番号 F00311
部品情報  N-CHANNEL POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSDI [Solid States Devices, Inc]
ホームページ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00311 データシート(HTML) 2 Page - Solid States Devices, Inc

  F00311_15 Datasheet HTML 1Page - Solid States Devices, Inc F00311_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
ELECTRICAL CHARACTERISTICS @ TJ =25
oC (Unless Otherwise Specified)
V
Drain to Source Breakdown Voltage
(VGS =0 V, ID = 250
µA)
-
BVDSS
-
RATING
SYMBOL
MIN
TYP
MAX
UNIT
60
m
Drain to Source on State Resistance
(VGS = 10 V,Tc = 150oC)
RDS(on)
-
-
-
V
Gate Threshold Voltage
(VDS = VGS, ID = 250
µA)
-
VGS(th)
4.0
2
Smho
Forward Transconductance
(VDS > ID(on) X RDS (on) Max, IDS=60% rated ID)
35
gfs
-
15
µµµµµA
Zero Gate Voltage Drain Current
(VDS = 80% rated voltage, VGS = 0V)
(VDS = 80% rated VDS, VGS = 0V, TA = 125
oC)
-
-
IDSS
-
-
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
-
-
IGSS
+100
-100
-
-
At rated VGS
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10 V
50% rated VDS
Rated ID
Qg
Qgs
Qgd
-
-
-
80
13
40
120
17
64
nsec
Turn on Delay Time
Rise Time
Turn off DelayTime
Fall Time
VDD =50%
rated VDS
50% rated ID
RG=6.2
td (on)
tr
td (off)
tf
-
-
-
-
20
35
65
40
27
66
100
60
V
1.47
VSD
1.4
-
Diode Reverse Recovery Time
Reverse Recovery Charge
70
trr
QRR
150
-
TJ =25oC
IF = 10
di/dt = 100A/
µsec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS =0 Volts
VDS =25 Volts
f =1 MHz
Ciss
Coss
Crss
-
-
-
2600
700
260
2900
1100
275
pF
nsec
For thermal derating curves and other characteristic curves please contact SSDI Marketing Department.
A
On State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = 10 V)
-
ID(on)
-
75
Diode Forvard Voltage
(IS = rated ID, VGS = 0V, TJ = 25
oC)
nC
nA
250
1000
SFF75N06M
SFF75N06Z
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
NOTES:
1/ Maximum current limited by package, die rated at 75A.
ID=37.5A
ID=75A
ID=37.5A
13
15
19
-
-
-


同様の部品番号 - F00311_15

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
F00311 SSDI-F00311 Datasheet
53Kb / 2P
   N-CHANNEL POWER MOSFET
More results

同様の説明 - F00311_15

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com