データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL404G データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 KBL404G
部品情報  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBL404G データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBL404G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBL404G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd KBL404G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd KBL404G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
KBL407G
KBL407G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1311025
Version: G13
DESCRIPTION
Suffix "G"
500 / Tray
PACKING
KBL407G T0G
T0
G
GREEN COMPOUND
CODE
Green compound
KBL40xG
(Note 1)
T0
KBL
KBL401G thru KBL407G
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
PACKAGE
GREEN COMPOUND
CODE
KBL407G T0
T0
RATINGS AND CHARACTERISTICS CURVES
Note 1: "x" defines voltage from 50V (KBL401G) to 1000V (KBL407G)
EXAMPLE
PREFERRED P/N
PACKING CODE
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
25
50
75
100
125
150
175
200
225
250
1
10
100
1000
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
(JEDEC Method)
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS


同様の部品番号 - KBL404G

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
KBL404G WTE-KBL404G Datasheet
39Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBL404G ETC2-KBL404G Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Won-Top Electronics
KBL404G WTE-KBL404G Datasheet
45Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBL404G TSC-KBL404G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
EIC discrete Semiconduc...
KBL404G EIC-KBL404G Datasheet
58Kb / 2P
   GLASS PASSIVATED
More results

同様の説明 - KBL404G

メーカー部品番号データシート部品情報
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com