データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL606G データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 KBL606G
部品情報  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBL606G データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  KBL606G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBL606G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd KBL606G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd KBL606G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
13.70
14.70
0.539
0.579
B
1.20
1.30
0.047
0.051
C
15.20
16.30
0.598
0.642
D
19.00
-
0.748
-
E
4.60
5.60
0.181
0.220
F
5.50
6.50
0.217
0.256
G
18.50
19.50
0.728
0.768
H
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1311026
Version: E13
2.1 (TYP)
0.083 (TYP)
MARKING DIAGRAM
KBL601G thru KBL607G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
10
100
1000
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p


同様の部品番号 - KBL606G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
KBL606G TSC-KBL606G Datasheet
146Kb / 2P
   Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
KBL606G SECOS-KBL606G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
logo
America Semiconductor, ...
KBL606G AMERICASEMI-KBL606G Datasheet
597Kb / 2P
   BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBL606G GENESIC-KBL606G Datasheet
309Kb / 3P
   Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
KBL606G TSC-KBL606G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

同様の説明 - KBL606G

メーカー部品番号データシート部品情報
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com