データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA0981A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA0981A
部品情報  SAW Filter 827.5 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0981A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0981A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0981A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0981A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0981A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0981A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0981A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 827.5 MHz
MODEL NO.: TA981A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -30
°C to 85°C
4.Storage Temperature: -40
°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
827.5
-
nsertion loss
820 ~ 835 MHz
IL
dB
-
2.7
3.5
Amplitude ripple
820 ~ 835 MHz
dB
-
0.7
1.5
VSWR
820 ~ 835 MHz
-
-
1.5
2.0
Attenuation (reference from 0dB)
10 ~
780
MHz
dB
40
45
-
865 ~
880
MHz
dB
25
32
-
880 ~
920
MHz
dB
35
40
-
920 ~
1220
MHz
dB
40
45
-
Source impedance
ZS
-
50
-
Load impedance
ZL
-
50
-
Note1. No matching network required for operation at 50Ω
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
BE
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA0981A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA0981A GOLLEDGE-TA0981A Datasheet
114Kb / 5P
   SAW Filter 827.50MHz
More results

同様の説明 - TA0981A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA981A TAI-SAW-TA981A Datasheet
410Kb / 6P
   SAW Filter 827.5 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com