データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS12 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 SS12
部品情報  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS12_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS12_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS12_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SS16
SS16
SS16
(TA=25℃ unless otherwise noted)
Document Number: DS_D1309022
Version: M13
AEC-Q101 qualified
Green compound
R3
R3
R3
G
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
E3
7,500 / 13" Plastic reel
E2
EXAMPLE
N/A
SMA
SMA
Folded SMA
Folded SMA
Clip SMA
Clip SMA
H
R3
R2
M2
F3
F2
F4
AEC-Q101
QUALIFIED
SS12 thru SS115
Taiwan Semiconductor
7,500 / 13" Plastic reel
GREEN COMPOUND
CODE
PACKING
1,800 / 7" Plastic reel
Suffix "G"
Folded SMA
PACKAGE
PACKING CODE
AEC-Q101
QUALIFIED
Note 1: "xx" defines voltage from 20V (SS12) to 150V (SS115)
ORDERING INFORMATION
1,800 / 7" Plastic reel
7,500 / 13" Paper reel
SS1xx
(Note 1)
1,800 / 7" Plastic reel
Prefix "H"
SMA
PREFERRED P/N
SS16 R3
SS16 R3G
SS16HR3
7,500 / 13" Paper reel
7,500 / 13" Plastic reel
RATINGS AND CHARACTERISTICS CURVES
0
0.2
0.4
0.6
0.8
1
1.2
50
60
70
80
90 100 110 120 130 140 150 160 170
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CUURVE
SS12-SS14
SS15-SS115
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine-Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=125℃
SS12-SS14
SS15-SS115
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
SS12-SS14
SS15-SS16
SS115
SS19-SS110


同様の部品番号 - SS12_14

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
SS12-120 BWTECH-SS12-120 Datasheet
109Kb / 2P
   Low power loss, high effciency
logo
Nanjing International G...
SS12-1A-20V-DO-214AC DGNJDZ-SS12-1A-20V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DATEL, Inc.
SS12D12-0.08 DATEL-SS12D12-0.08 Datasheet
145Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹12 Volts Output
SS12D15-0.06 DATEL-SS12D15-0.06 Datasheet
145Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹15 Volts Output
SS12S12-0.16 DATEL-SS12S12-0.16 Datasheet
144Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 12 Volts Output
More results

同様の説明 - SS12_14

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com