データシートサーチシステム |
|
TS4148RYG データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
TS4148RYG データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 4 page CREAT BY ART - Designed for mounting on small surface - Extremely thin/leadless package - High mounting capability, strong surage with stand, high reliability - Pb free and RoHS compliant - Halogen free - Case: 0805 (Ceramics) - High temperature soldering guaranteed: 260°C/10s - Polarity: Indicated by white cathode band - Weight: 0.006g (approximately) SYMBOL UNIT PD mW VRSM V VRRM V IFRM mA IO mA RθJA ℃/W TJ, TSTG oC SYMBOL UNIT Reverse breakdown voltage V(BR) V Forward voltage VF V nA μA CJ pF Reverse recovery time trr ns Document Number: DS_S1407005 Version: L14 IR VALUE -25 4 - 500 4 Power dissipation 1 100 Non-repetitive peak reverse voltage (Note 2) 75 PARAMETER Thermal resistance form junction ambient (Note 1) Junction capacitance 5 VR=0, f=1.0MHz 75 Reverse leakage current IF=100mA VR=20V VR=75V - Note: 1 Valid provided that electrodes are kept at ambient temperature Note: 2 Test Condition: IR=100μA Note: 3 Test Condition: IF=10mA, IR=1mA, RL=100Ω 375 Junction and storage temperature range - 55 to +175 MIN MAX (Note 3) - TS4148 RYG FEATURES MECHANICAL DATA Taiwan Semiconductor 300 Small Signal Product PARAMETER Repetitive peak reverse voltage Repetitive peak forward current 500mW High Speed SMD Switching Diode MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted) A 0.5 2.0 Mean forward current 150 Non-repetitive peak forward surge current Tp = 1s square waveform Tp = 8.3ms single half sine waveform IFSM 0805 (Ceramics) |
同様の部品番号 - TS4148RYG |
|
同様の説明 - TS4148RYG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |