データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1416A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1416A
部品情報  SAW Filter 858.5 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1416A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1416A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1416A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1416A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1416A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1416A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1416A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1416A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1416A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 858.5 MHz
MODEL NO.:TA1416A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +75°C
Electrostatic Sensitive Device (ESD)
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single ended) :
Zs = 50 Ω
Terminating load impedance (single ended) :
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
858.5
-
-
Insertion Loss (840 ~ 877 MHz)
dB
-
3.15
4
-
Amplitude Ripple (840~877 MHz)
dB
-
0.8
2
-
VSWR (840~877 MHz)
-
1.3
2.1
-
Attenuation (reference level from 0 dB)
DC~790
MHz
dB
25
35
-
-
989~1005
MHz
dB
30
47
-
-
1642~1792 MHz
dB
30
36
-
-
1792~3000 MHz
dB
15
25
-
-
Temperature Coefficient of Frequency
ppm/℃
-
-75
-
-
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA1416A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA1416A GOLLEDGE-TA1416A Datasheet
210Kb / 6P
   SAW Filter 858.50MHz
More results

同様の説明 - TA1416A

メーカー部品番号データシート部品情報
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com