データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYX85 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 BYX85
部品情報  Standard Avalanche Sinterglass Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYX85 データシート(HTML) 4 Page - Vishay Siliconix

  BYX85 Datasheet HTML 1Page - Vishay Siliconix BYX85 Datasheet HTML 2Page - Vishay Siliconix BYX85 Datasheet HTML 3Page - Vishay Siliconix BYX85 Datasheet HTML 4Page - Vishay Siliconix BYX85 Datasheet HTML 5Page - Vishay Siliconix BYX85 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BYX82, BYX83, BYX84, BYX85, BYX86
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 11-Sep-12
4
Document Number: 86052
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - Thermal Response
PACKAGE DIMENSIONS in millimeters (inches): SOD-57
1
10
100
1000
tp – Pulse Length(s)
94 9576
IFRM – Repetitive Peak
Forward Current ( A )
10–4
10–3
10–2
10–1
100
100
101
tp/T = 0.5
tp/T = 0.2
tp/T = 0.1
tp/T = 0.05
tp/T = 0.02
tp/T = 0.01
Tamb =25 °C
Tamb=45 °C
70°C
100°C
Single Pulse
Tamb= 125°C
VRRM
1000 V
t10
μs
RthJA 57 K/W
20543
26 (1.024) min.
4 (0.157) max.
26 (1.024) min.


同様の部品番号 - BYX85

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BYX85 VISHAY-BYX85 Datasheet
61Kb / 5P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYX85 VISHAY-BYX85 Datasheet
129Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 09-Aug-10
logo
SUNMATE electronic Co.,...
BYX85 SUNMATE-BYX85 Datasheet
140Kb / 3P
   2.0A Axial Leaded Silicon Mesa Rectifiers
logo
Vishay Siliconix
BYX85 VISHAY-BYX85 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYX85-1000 VISHAY-BYX85-1000 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

同様の説明 - BYX85

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com