データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1684A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1684A
部品情報  SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1684A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1684A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
MODEL NO.: TA1684A
REV. 1.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C (1)
E
lectrostatic Sensitive Device (ESD)
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance :
ZL = 50 Ω 
Item
Unit
Min.
Type.
(2) Max. Note
Center Frequency
Fc
MHz
-
2650
-
-
Max. Insertion Loss (2640~2660 MHz)
IL
dB
-
1.5
3.0
-
Passband ripple (2640~2660 MHz)
dB
-
0.4
1.5
-
S11 & S22 VSWR
-
1.3
2.1
Attenuation
10~2380
MHz
dB
33
37
-
-
2380~2420 MHz
dB
45
48
-
-
2520~2540 MHz
dB
35
41
-
-
3000~4500 MHz
dB
30
38
-
-
Package size
mm
SMD 3.0x3.0
Temp Coefficient
ppm/K
-36
-
Notes:
(1). In production, devices will be tested at room temperature to a guardbanded specification to
ensure electrical compliance over temperature.
(2). Typical values are based on average measurements at room temperature.
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA1684A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA1684A GOLLEDGE-TA1684A Datasheet
310Kb / 6P
   SAW Filter 2650.0MHz
More results

同様の説明 - TA1684A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1684B TAI-SAW-TA1684B Datasheet
966Kb / 7P
   SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
TA1683A TAI-SAW-TA1683A Datasheet
368Kb / 7P
   SAW Filter 2530 MHz 20MHz BW SMD 3.0x3.0 mm
TA0545A TAI-SAW-TA0545A Datasheet
434Kb / 7P
   SAW Filter 2650 MHz SMD 3.0X3.0 mm
TA1413C TAI-SAW-TA1413C Datasheet
407Kb / 7P
   SAW Filter 1128 MHz SMD 3.0X3.0 mm(BW=34 MHz)
TA2033BA3110 TAI-SAW-TA2033BA3110 Datasheet
745Kb / 7P
   SAW Filter 1505 MHz BW 26 MHz SMD 3.0X3.0 mm
TA0676B TAI-SAW-TA0676B Datasheet
137Kb / 7P
   SAW Filter 1592.5 MHz 43MHz BW SMD 3.0X3.0 mm
TA0638C TAI-SAW-TA0638C Datasheet
599Kb / 7P
   SAW Filter 1590 MHz SMD 3.0X3.0 mm(BW=59MHz)
TA2617A TAI-SAW-TA2617A Datasheet
545Kb / 8P
   SAW Filter 1133 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA1464B TAI-SAW-TA1464B Datasheet
392Kb / 8P
   SAW Filter 1575.42 MHz SMD 3.0X3.0 mm(BW=2MHz)
TA2661A TAI-SAW-TA2661A Datasheet
348Kb / 7P
   SAW Filter 1045 MHz SMD 3.0X3.0 mm(BW=10MHz)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com