データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST300C12C0L データシート(PDF) 4 Page - Vishay Siliconix

部品番号 ST300C12C0L
部品情報  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST300C12C0L データシート(HTML) 4 Page - Vishay Siliconix

  ST300C12C0L Datasheet HTML 1Page - Vishay Siliconix ST300C12C0L Datasheet HTML 2Page - Vishay Siliconix ST300C12C0L Datasheet HTML 3Page - Vishay Siliconix ST300C12C0L Datasheet HTML 4Page - Vishay Siliconix ST300C12C0L Datasheet HTML 5Page - Vishay Siliconix ST300C12C0L Datasheet HTML 6Page - Vishay Siliconix ST300C12C0L Datasheet HTML 7Page - Vishay Siliconix ST300C12C0L Datasheet HTML 8Page - Vishay Siliconix ST300C12C0L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VS-ST300C Series
www.vishay.com
Vishay Semiconductors
Revision: 25-Nov-13
4
Document Number: 94403
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
AverageOn-stateCurrent(A)
30
40
50
60
70
80
90
100
110
120
130
0
100
200
300
400
500
30°
60°
90°
120°
180°
Conduction Angle
ST300C..C Series
(Single Side Cooled)
R
(DC) = 0.09 K/W
thJ-hs
AverageOn-stateCurrent(A)
20
30
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
DC
30°
60° 90°
120°
180°
Conduction Period
ST300C..C Series
(Single Side Cooled)
R
(DC) = 0.09 K/W
thJ-hs
Average On-state Current (A)
10
20
30
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
30°
60°
90°
120°
180°
Conduction Angle
ST300C..C Series
(Double Side Cooled)
R
(DC) = 0.04 K/W
thJ-hs
Average On-state Current (A)
20
30
40
50
60
70
80
90
100
110
120
130
0
200 400 600 800 1000 1200 1400
DC
30°
60°
90°
120°
180°
Conduction Period
ST300C..C Series
(Double Side Cooled)
R
(DC) = 0.04 K/W
thJ-hs
Average On-state Current (A)
0
200
400
600
800
1000
1200
1400
1600
0
100 200 300 400 500 600 700
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
ST300C..C Series
T = 125 °C
J
Average On-state Current (A)
0
200
400
600
800
1000
1200
1400
1600
1800
0
200
400
600
800 1000 1200
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
ST300C..C Series
T = 125 °C
J


同様の部品番号 - ST300C12C0L

メーカー部品番号データシート部品情報
logo
International Rectifier
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results

同様の説明 - ST300C12C0L

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com