データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS431BCX-ZRFG データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS431BCX-ZRFG
部品情報  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431BCX-ZRFG データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS431BCX-ZRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431BCX-ZRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431BCX-ZRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431BCX-ZRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431BCX-ZRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431BCX-ZRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431BCX-ZRFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431BCX-ZRFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431BCX-ZRFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS431-Z
Adjustable Precision Shunt Regulator
1/10
Version: C14
SOT-23
General Description
TS431 integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage
references operate as a low temperature coefficient zener which is programmable from VREF to 36 volts with two
external resistors. These devices exhibit a wide operating current range to 250mA with a typical dynamic
impedance of 0.2
Ω. The characteristics of these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.495V reference makes it
convenient to obtain a stable reference from 5.0V logic supplies, and since The TS431 operates as a shunt
regulator, it can be used as either a positive or negative stage reference.
Features
Programmable Output Voltage up to 36V
TS431A – VREF 2.495V ±1% tolerance
TS431B – VREF 2.495V ±0.5% tolerance
Fast Turn-On Response
Sink Current Capability: 200mA
Low Dynamic Output Impedance: 0.2Ω (Typ)
Min. Operating Cathode Current: 0.2mA (Typ)
Halogen Free
Ordering Information
Part No.
Package
Packing
TS431ACX-Z RFG
SOT-23
3kpcs / 7” Reel
TS431ARCX-Z RFG
SOT-23
3kpcs / 7” Reel
TS431BCX-Z RFG
SOT-23
3kpcs / 7” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm total
Br + Cl) and <1000ppm antimony compounds
Block Diagram
Absolute Maximum Ratings (TA = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Cathode Voltage
VKA
36
V
Continuous Cathode Current Range
IK
+250
mA
Reference Input Current Range
IREF
10
mA
Power Dissipation
PD
0.25
W
Operating Temperature Range
TOPER
-20 ~ +85
oC
Junction Temperature
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-40 ~ +125
oC
Thermal Resistance Junction to Ambient
RӨJA
156
oC/W
Note: RӨJA is measured with the PCB copper area of approximately 1 in
2 (Multi-Layer)
TS431-Z
Pin Definition:
1. Reference
2. Cathode
3. Anode
TS431AR-Z
Pin Definition:
1. Cathode
2. Reference
3. Anode


同様の部品番号 - TS431BCX-ZRFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS431BCX-ZRFG TSC-TS431BCX-ZRFG Datasheet
552Kb / 10P
   Adjustable Precision Shunt Regulator
More results

同様の説明 - TS431BCX-ZRFG

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com