データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3570 データシート(PDF) 15 Page - Linear Technology

部品番号 LT3570
部品情報  1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3570 データシート(HTML) 15 Page - Linear Technology

Back Button LT3570_15 Datasheet HTML 11Page - Linear Technology LT3570_15 Datasheet HTML 12Page - Linear Technology LT3570_15 Datasheet HTML 13Page - Linear Technology LT3570_15 Datasheet HTML 14Page - Linear Technology LT3570_15 Datasheet HTML 15Page - Linear Technology LT3570_15 Datasheet HTML 16Page - Linear Technology LT3570_15 Datasheet HTML 17Page - Linear Technology LT3570_15 Datasheet HTML 18Page - Linear Technology LT3570_15 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3570
15
3570fb
APPLICATIONS INFORMATION
compensation resistor, RC, is usually in the range of 5k to
50k. A good technique to compensate a new application
is to use a 50k potentiometer in place of RC, and use a
1nF capacitor for CC. By adjusting the potentiometer while
observing the transient response, the optimum value for
RC can be found. Figures 3a to 3c illustrate this process
for the circuit of Figure 1 with load current stepped from
100mA to 500mA for the buck converter. Figure 3a shows
the transient response with RC equal to 1.6k. The phase
margin is poor as evidenced by the excessive ringing in
the output voltage and inductor current. In Figure 3b,
the value of RC is increased to 5.75k, which results in a
more damped response. Figure 3c shows the result when
RC is increased further to 25k. The transient response
is nicely damped and the compensation procedure is
complete. The same procedure is used to compensate
the boost converter.
Soft-Start
The soft-start time is programmed with an external capaci-
tor to ground on SS. An internal current source charges it
with a nominal 4.5μA. The voltage on the soft-start pin is
used to control the feedback voltage. The soft-start time
is determined by the equation:
tSS = 0.2 • CSS
where CSS is in nF and tSS is in ms. In the event of a
commanded shutdown, ULVO on the input or a thermal
shutdown, the capacitor is discharged automatically. The
soft-start will remain low and only charge back up after
the fault goes away and the voltage on SS is less than
approximately 100mV.
Figure 3a. Transient Response Shows Excessive Ringing
Figure 3b. Transient Response is Better
Figure 3c. Transient Response Well Damped
IOUT
500mA/DIV
VOUT
200μs/DIV
3570 F03a
IOUT
500mA/DIV
VOUT
200μs/DIV
3570 F03b
IOUT
500mA/DIV
VOUT
200μs/DIV
3570 F03c


同様の部品番号 - LT3570_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LT3570EFE-PBF LINER-LT3570EFE-PBF Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570EFE-TRPBF LINER-LT3570EFE-TRPBF Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570EUF-PBF LINER-LT3570EUF-PBF Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570EUF-TRPBF LINER-LT3570EUF-TRPBF Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570FE LINER-LT3570FE Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
More results

同様の説明 - LT3570_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
SHENZHEN FUMAN ELECTRON...
FM3406MS FUMAN-FM3406MS Datasheet
477Kb / 8P
   1.5A Buck Converter IC
logo
Linear Technology
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
Advanced Analogic Techn...
AAT2786 ANALOGICTECH-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
   1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com