データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1916CX6RFG データシート(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1916CX6RFG
部品情報  1.7A Boost WLED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1916CX6RFG データシート(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS1916CX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1916CX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1916CX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1916CX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1916CX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1916CX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1916CX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1916CX6RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS1916CX6RFG Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS1916
1.7A Boost WLED Driver
9/10
Version: A14
SOT-26 Mechanical Drawing
Unit: Millimeters
Marking Diagram
JC = Device Code
Y = Year Code
(4=2014, 5=2015, 6=2016, 7=2017, 8=2018, 9
=2019…)
W = Week: 01~26 (A~Z)
27~52 (a~z)
X = Internal Code


同様の部品番号 - TS1916CX6RFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910ACSRLG TSC-TS1910ACSRLG Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910CSRLG TSC-TS1910CSRLG Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
More results

同様の説明 - TS1916CX6RFG

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com