データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS432AIXRFG データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS432AIXRFG
部品情報  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432AIXRFG データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS432AIXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS432AIXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS432AIXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS432AIXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432AIXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432AIXRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432AIXRFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432AIXRFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432AIXRFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS432I
Adjustable Precision Shunt Regulator
1/10
Version: C14
SOT-23
General Description
The TS432AI/TS432BI is a three-terminal adjustable shunt regulator with specified thermal stability. The output voltage
may be set to any value between VREF (approximately 1.24V) and 18V with two external resistors. The
TS432AI/TS432BI has a typical output impedance of 0.05
Ω. Active output circuitry provides a very sharp turn-on
characteristic, making the TS432AI/TS432BI excellent replacement for zener diode in many applications.
Features
Precision Reference Voltage
TS432AI – 1.24V±1%
TS432BI – 1.24V±0.5%
Minimum Cathode Current for Regulation: 20µA(typ.)
Equivalent Full Range Temp. Coefficient: 50ppm/ ºC
Programmable Output Voltage up to 18V
Fast Turn-On Response
Sink Current Capability of 80µA to 100mA
Low Dynamic Output Impedance: 0.2
Low Output Noise
Ordering Information
Part No.
Package
Packing
TS432xIX RF
SOT-23
3kpcs / 7” Reel
TS432xIX RFG
SOT-23
3kpcs / 7” Reel
TS432xIX RK
SOT-23
10kpcs / 13” Reel
TS432xIX RKG
SOT-23
10kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Note: Where xx denotes voltage tolerance
A: ±1%, B: ±0.5%
Block Diagram
Application
Voltage Monitor
Delay Timmer
Constant –Current Source/Sink
High-Current Shunt Regulator
Crow Bar
Over-Voltage / Under-Voltage Protection
Absolute Maximum Ratings (T
A = 25˚C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
VKA
18
V
Continuous Cathode Current Range
IK
100
mA
Reference Input Current Range
IREF
3
mA
Power Dissipation
TO-92
PD
0.625
W
SOT-23
0.35
Junction Temperature
TJ
+150
oC
Operation Temperature Range
TOPER
-40 ~ +105
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note 1: Voltage values are with respect to the anode terminal unless otherwise noted.
Note 2: Rating apply to ambient temperature at 25
oC
Pin Definition:
1. Reference
2. Cathode
3. Anode


同様の部品番号 - TS432AIXRFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS432AIA5RF TSC-TS432AIA5RF Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
TS432AIARF TSC-TS432AIARF Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
logo
STMicroelectronics
TS432AILT STMICROELECTRONICS-TS432AILT Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
TS432AILT STMICROELECTRONICS-TS432AILT Datasheet
184Kb / 11P
   1.24 V adjustable shunt voltage reference
logo
Taiwan Semiconductor Co...
TS432AITA3 TSC-TS432AITA3 Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
More results

同様の説明 - TS432AIXRFG

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com