データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1117BCW18RPG データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1117BCW18RPG
部品情報  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117BCW18RPG データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1117BCW18RPG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117BCW18RPG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117BCW18RPG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117BCW18RPG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117BCW18RPG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117BCW18RPG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117BCW18RPG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117BCW18RPG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS1117B
1A Low Dropout Positive Voltage Regulator
1/8
Version: F14
TO-252
(DPAK)
SOT-223
SOP-8
General Description
TS1117B are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, TS1117B provides excellent regulation over variations due
to changes in line, load and temperature. Outstanding features include low dropout performance at rated current,
fast transient response, internal current limiting and thermal shutdown protection of the output device. TS1117B
are three terminal regulators with fixed and adjustable voltage options available in popular packages.
Features
Low Dropout Performance 1.5V max.
Fill Current Rating Over Line and Temperature
Fast Transient Response
Built-in thermal shutdown
Output Current Limit
Line Regulation Typical 0.2%
Load Regulation Typical 0.05%
Low-ESR Ceramic Capacitor (MLCC) Required
for Stability.
Good Ripple Rejection
Ordering Information
Part No.
Package
Packing
TS1117BCPxx ROG
TO-252
2.5kpcs / 13” Reel
TS1117BCWxx RPG
SOT-223
2.5kpcs / 13” Reel
TS1117BCSxx RLG
SOP-8
2.5kpcs / 13” Reel
Note: Refer to detail ordering information table.
“G” denotes Halogen Free Products
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Block Diagram
Pin Definition:
1. Fixed / Adj
2. Output (Tab)
3. Input
Pin Definition:
1. Fixed / Adj
8. N/C
2. Output
7. Output
3. Output
6. Output
4. Input
5. N/C


同様の部品番号 - TS1117BCW18RPG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1117BCW18 TSC-TS1117BCW18 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1117BCW18RPG

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com