データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2596 データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2596
部品情報  3A / 150KHz Buck Dc-Dc Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596 データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2596 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS2596
3A / 150KHz Buck Dc-Dc Converter
4/9
Version: E13
Typical Application Circuit (Continue)
2. Fixed Output Voltage Version
C2
0.1uF
D1
B340A
L1
47uH
1
2
C3
470uF
C1
470uF
U1
1
2
3
4
5
Vcc
SW
FB
EN
Vss
Vout=5.0V/3A
VIN=24V
C6
0.1uF
L1 recommend value (IOUT=3A,)
VOUT
2.5V
3.3V
5V
12V
VIN=12V
33uH
33uH
33~47uH
NA
VIN=24V
33uH
33uH
47uH
68uH
Pin Function Description
Vcc
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be presented
at this pin to minimize voltage transients and to supply the switching currents needed by the regulator.
Ground
Circuit ground
SW Output
Internal switch. The voltage at this pin switches between (+Vcc – Vsat) and approximately – 0.5V, with a duty cycle
of approximately Vout / Vcc. To minimize coupling to sensitive circuitry, the PC board copper area connected to this
pin should be minimized.
Feedback
Sense the regulated output voltage to complete the feedback loop.
Enable
Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply
current to approximately 100uA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator
on, and pulling this pin above 1.3V (up to a maximum of Vcc) shuts the regulator down. If this shutdown feature is
not needed, the EN pin can be wired to the ground pin.
Thermal Considerations
The TS2596 is available in two packages, a TO-220-5L and TO-263-5L.
The TO-220-5L package needs a heat sink under most conditions. The size of the heat sink depends on the input
voltage, the output voltage, the load current and the ambient temperature. The TS2596 junction temperature rises
above ambient temperature for a 3A load and different input and output voltages. The data for these curves was
taken with the TS2596 (TO-220-5L package) operating as a buck switching regulator in an ambient temperature of
25
o
C (still air). These temperature rise numbers are all approximate and there are many factors that can affect
these temperatures. Higher ambient temperatures require more heat sinking.
The TO-263-5L surface mount package tab is designed to be soldered to the copper on a printed circuit board. The
copper and the board are the heat sink for this package and the other heat producing components, such as the
catch diode and inductor. The PC board copper area that the package is soldered to should be at least 0.8 in
2
, and
ideally should have 2 or more square inches of 2 oz. Additional copper area improves the thermal characteristics,


同様の部品番号 - TS2596

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596 TSC-TS2596 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596CM TSC-TS2596CM Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596CM5 TSC-TS2596CM5 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CM505 TSC-TS2596CM505 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
More results

同様の説明 - TS2596

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com