データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2951CS30RLG データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2951CS30RLG
部品情報  150mA Ultra Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951CS30RLG データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2951CS30RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2951CS30RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951CS30RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951CS30RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951CS30RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951CS30RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2951CS30RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2951CS30RLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2951CS30RLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS2951
Taiwan Semiconductor
Document Number: DS_P0000207
4
Version: G15
ORDERING INFORMATION
OUTPUT VOLTAGE
PART NO.
PACKAGE
PACKING
5.0V
TS2951CS50 RLG
SOP-8
2,500pcs / 13” Reel
3.3V
TS2951CS33 RLG
SOP-8
2,500pcs / 13” Reel
3.0V
TS2951CS30 RLG
SOP-8
2,500pcs / 13” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC.
2.
Halogen-free according to IEC 61249-2-21 definition.


同様の部品番号 - TS2951CS30RLG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2951CS TSC-TS2951CS Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951CS TSC-TS2951CS Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2951CS-3.0 TSC-TS2951CS-3.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951CS-3.3 TSC-TS2951CS-3.3 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951CS-5.0 TSC-TS2951CS-5.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS2951CS30RLG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com