データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS4264GCW50RP データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS4264GCW50RP
部品情報  5V/150mA Fixed-Voltage Ultra Low LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264GCW50RP データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4264GCW50RP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264GCW50RP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264GCW50RP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264GCW50RP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264GCW50RP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS4264GCW50
5V/150mA Fixed-Voltage Ultra Low LDO
3/5
Version: B14
Application Information
In the TS4264GCW50 the output voltage is divided and compared to an internal reference of 2.5V typical. The
regulation loop controls the output to achieve an output voltage of 5V with an accuracy of
±3% at an input voltage
range of 5.5V~45V.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly precise by resistance adjustment, to a
voltage that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation
control, working as a function of load current, prevents any over-saturation of the power element. The IC is
additionally protected against overload, over temperature and reverse polarity
Typical Application Circuit
Dimensioning Information on External Components
The input capacitor CIN is necessary for compensating line influences. Using a resistor of approx. 1
Ω in series with
CIN, the oscillating of input inductivity and input capacitance can be clamped. The output capacitor COUT is
necessary for the stability of the regulating circuit. Stability is guaranteed at values COUT
≥10µF and an ESR ≤ 4Ω
within the operating temperature range.
The application circuit shows additional electrolytic input capacitor of 470µF is added in order to buffer supply line
influences. This capacitor is recommended, if the device is sourced via long supply lines of several meters.
The TS4264GCW50 can supply up to 150mA. However for protection for high input voltage above 25V, the output
current is reduced (SOA protection).


同様の部品番号 - TS4264GCW50RP

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS4264GCW50RP TSC-TS4264GCW50RP Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
More results

同様の説明 - TS4264GCW50RP

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
RICOH electronics devic...
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
   Low Voltage 150mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com