データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5213CX533RFG データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS5213CX533RFG
部品情報  80mA Low Noise LDO Voltage Regulator with Enable Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213CX533RFG データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS5213CX533RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS5213
Taiwan Semiconductor
Document Number: DS_P0000201
4
Version: G15
ORDERING INFORMATION
OUTPUT VOLTAGE
PART NO.
PACKAGE
PACKING
3.3V
TS5213CX533 RFG
SOT-25
3,000pcs / 7” Reel
5V
TS5213CX550 RFG
SOT-25
3,000pcs / 7” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC.
2.
Halogen-free according to IEC 61249-2-21 definition.
BLOCK DIAGRAMS
APPLICATION INFORMATION
Enable Input
TS5213 series feature an active-high (>2V) enable (EN) input that allows ON/OFF control of the regulator.
Current drain reduces to “zero” when the device is shutdown, with only micro-amperes of leakage current. The
EN is compatible with CMOS logic interfacing. EN may be directly tied to VIH and pulled up to the maximum
supply voltage.
Input Capacitor Requirement
An input capacitor of 0.17μF or greater is recommended when the device is more than 10” away from the bulk
AC supply capacitance or when the supply is a battery.
Output Capacitor Requirement
The TS5213 series requires an output capacitor to maintain stability and improve transient response is necessary.
The TS5213 is ultra-stable, requiring only 0.47uF of output capacitance for stability. It is stable with all type of
capacitors, including the tiny, low-ESR ceramic chip capacitors. The output capacitor value may be increased
without limit.
No Load Stability
The TS5213 series will remain stable and in regulation with no load, unlike many other voltage regulators. This is
especially important in CMOS RAM keep alive applications.


同様の部品番号 - TS5213CX533RFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS5213CX5 TSC-TS5213CX5 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213CX5RF TSC-TS5213CX5RF Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
More results

同様の説明 - TS5213CX533RFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com