データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS13003A データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS13003A
部品情報  High Voltage NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003A データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS13003A_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003A_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003A_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13003A_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13003A_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS13003A
High Voltage NPN Transistor
2/5
Version: B14
Electrical Specifications (TA=25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 1mA, IB = 0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, VBE = 0V
BVCES
700
--
--
V
Collector-Emitter Breakdown Voltage
IC = 10mA, IE = 0
BVCEO
450
--
--
V
Emitter-Base Breakdown Voltage
IE = 10mA, IC = 0
BVEBO
9
--
--
V
Collector-Base Cutoff Current
VCB = 700V, IE = 0
ICBO
--
--
100
µA
Collector-Emitter Cutoff Current
VCE = 450V, IC = 0
ICEO
--
--
100
µA
Emitter-Base Cutoff Current
VEB = 9V, IC = 0
IEBO
--
--
100
µA
Collector-Emitter Saturation Voltage
*
IC=1A, IB=0.25A
VCE(SAT) 1
--
0.25
0.5
V
IC=1.5A, IB=0.5A
VCE(SAT) 2
0.3
0.6
V
Base-Emitter Saturation Voltage
*
IC=1A, IB=0.25A
VBE(SAT)
0.9
1.2
V
DC Current Gain
*
VCE = 5V, IC = 500mA
hFE 1
15
--
35
VCE = 5V, IC = 2A
hFE 2
5
--
--
Dynamic Characteristics
Frequency
VCE = 10V, IC = 0.1A
fT
5
--
--
MHz
Output Capacitance
VCB = 10V, f = 0.1MHz
Cob
--
21
--
pF
Resistive Load Switching Time (Ratings)
Storage Time
VCC = 125V, IC = 0.25A,
Duty Cycle ≤1%
tSTG
2
--
5
µs
Fall Time
tf
--
--
1
µs
* Note: pulse test: pulse width ≤300µs, duty cycle ≤2%


同様の部品番号 - TS13003A_14

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS13003ACTA3 TSC-TS13003ACTA3 Datasheet
45Kb / 3P
   High Voltage NPN Transistor
TS13003ACTB0 TSC-TS13003ACTB0 Datasheet
45Kb / 3P
   High Voltage NPN Transistor
More results

同様の説明 - TS13003A_14

メーカー部品番号データシート部品情報
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com