データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19378 データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19378
部品情報  2A Buck (Step-down) WLED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19378 データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19378_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS19378
Taiwan Semiconductor
Document Number: DS_P0000199
5
Version: B15
APPLICATION INFORMATION (CONTINUE)
EN/SS
This pin can be supplied shutdown or soft start function. It is inside pull high function. For normal application, the
pin must be connected a capacitor to ground. There is a 5μA current to charge this capacitor, vary the different
capacitor value to control soft start time. Allow the switching regulator circuit to be shutdown pulling this pin below
a 0.8V threshold voltage; the shutdown supply current is approximately 150μA
Inductor Selection
For most designs, the different frequency can be reducing the inductor value; The TS19378 is suggested 33μH.
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 20% of the maximum load current 2A, ΔIL=0.4A. The
DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to
prevent core saturation (2A+0.2A).
Input Capacitor Selection
This capacitor should be located close to the IC using short leads and the voltage rating should be approximately
1.5 times the maximum input voltage. The RMS current rating requirement for the input capacitor of a buck
regulator is approximately 1⁄2 the DC load current. A low ESR input capacitor sized for maximum RMS current
must be used. A 220µF low ESR capacitor for most applications is sufficient.
Over Voltage Protection
The OVP voltage is set by outside resistance (R1 and R4). The external resistor sets the OVP voltage according to
the following equation:
)
1
4
1
(
)
(
R
R
V
OVP
V
OVP
OUT
+
×
=
If VOVP >0.85V, The OVP is happened that to disable the driver until VOVP <0.85V.
Output Capacitor Selection
For lower output voltage ripple and more stable LED current, higher value output capacitor and low ESR is
recommended. A 470µF electrolytic capacitor works for most of the applications.


同様の部品番号 - TS19378_15

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19378CS-RLG TSC-TS19378CS-RLG Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
More results

同様の説明 - TS19378_15

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
   300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com