データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS14A データシート(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

部品番号 SS14A
部品情報  Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DACHANG [Rugao Dachang Electronics Co., Ltd]
ホームページ  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SS14A データシート(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  SS14A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SS14A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
引线温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
TL, Lead temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.01
0
255075
100 125 150 175
1.2
1.0
0.8
0.6
0.4
0.2
0
1
2
4 6
10
20
40
100
40
30
20
10
0
50
SS12A ...... SS110A
特性曲线 Characteristic Curves
正向电压
VF(V)
0.1
1
10
50
0
0.6
1.2
1.6
1.0
0.2
0.8
1.4
0.4
SS12A-SS14A
SS16A
SS110A
大昌电子
DACHANG ELECTRONICS
SS12A SS14A
SS16A SS110A


同様の部品番号 - SS14A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS14A ETC2-SS14A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
Rugao Dachang Electroni...
SS14A DACHANG-SS14A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
logo
Shenzhen Luguang Electr...
SS14A LUGUANG-SS14A Datasheet
2Mb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS14A YANGJIE-SS14A Datasheet
202Kb / 2P
   Schottky Rectifier
logo
HY ELECTRONIC CORP.
SS14A HY-SS14A Datasheet
418Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
More results

同様の説明 - SS14A

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com