データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD77018A データシート(PDF) 5 Page - NEC

部品番号 UPD77018A
部品情報  16 bits, Fixed-point Digital Signal Processor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD77018A データシート(HTML) 5 Page - NEC

  UPD77018A Datasheet HTML 1Page - NEC UPD77018A Datasheet HTML 2Page - NEC UPD77018A Datasheet HTML 3Page - NEC UPD77018A Datasheet HTML 4Page - NEC UPD77018A Datasheet HTML 5Page - NEC UPD77018A Datasheet HTML 6Page - NEC UPD77018A Datasheet HTML 7Page - NEC UPD77018A Datasheet HTML 8Page - NEC UPD77018A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Item
µPD77016
µPD77015
µPD77017
µPD77018
µPD77018A
µPD77019
Internal instruction RAM
1.5K words
256 words
4K words
Internal instruction ROM
None
4K words
12K words
24K words
External instruction memory
48K words
None
Data RAM (X/Y memory)
2K words each
1K words each
2K words each
3K words each
Data ROM (X/Y memory)
None
2K words each
4K words each
12K words each
External data memory
48K words each
16K words each
Instruction cycle
(Maximum operation speed)
External clock
(at maximum operation speed)
Crystal
(at maximum operation speed)
Instruction
STOP instruction is added.
Serial interface (2 Channels)
Power supply
5V
3 V
Package
160-pin plastic QFP
100-pin plastic TQFP
Functional Differences among the
µPD7701× Family
Channel 1 has the
same functions
as channel 2.
Channel 1 has the same functions as that of the
µPD77016.
Channel 2 has no SORQ2 or SIAK2 pin (Channel 2 is used for CODEC connection).
33/16.5/8.25/4.125 MHz
Variable multiple rate (1, 2, 4, 8 ) by mask option.
66 MHz
60/30/20/15/7.5 MHz
Variable multiple rate (1, 2, 3, 4, 8 ) by
mask option.
60 MHz
30 ns (33 MHz)
16.6 ns (60 MHz)
33 MHz


同様の部品番号 - UPD77018A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
UPD77018A RENESAS-UPD77018A Datasheet
394Kb / 58P
   MOS INTEGRATED CIRCUIT
1996
UPD77018AGC-XXX-9EU RENESAS-UPD77018AGC-XXX-9EU Datasheet
394Kb / 58P
   MOS INTEGRATED CIRCUIT
1996
More results

同様の説明 - UPD77018A

メーカー部品番号データシート部品情報
logo
NEC
UPD77016 NEC-UPD77016 Datasheet
250Kb / 56P
   16 bits, Fixed-point Digital Signal Processor
UPD77019-013 NEC-UPD77019-013 Datasheet
261Kb / 56P
   16 bits, Fixed-point Digital Signal Processor
UPD77015 NEC-UPD77015 Datasheet
424Kb / 60P
   16 bits, Fixed-point Digital Signal Processor
logo
Renesas Technology Corp
PD77210 RENESAS-PD77210_15 Datasheet
575Kb / 76P
   16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
NEC
UPD77115 NEC-UPD77115 Datasheet
475Kb / 56P
   16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
UPD77210 NEC-UPD77210 Datasheet
467Kb / 74P
   16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
Zilog, Inc.
Z89462 ZILOG-Z89462 Datasheet
104Kb / 8P
   16-BIT, FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com