データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF3310 データシート(PDF) 1 Page - LOGIC Devices Incorporated

部品番号 LF3310
部品情報  Horizontal / Vertical Digital Image Filter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LODEV [LOGIC Devices Incorporated]
ホームページ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3310 データシート(HTML) 1 Page - LOGIC Devices Incorporated

  LF3310 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DEVICES INCORPORATED
Video Imaging Products
1
LF3310
Horizontal / Vertical Digital Image Filter
11/08/2001-LDS.3310-H
u
u
u
u
u 83 MHz Data Rate
u
u
u
u
u 12-bit Data and Coefficients
u
u
u
u
u On-board Memory for 256 Horizontal
and Vertical Coefficient Sets
u
u
u
u
u LF InterfaceTM Allows All 512
Coefficient Sets to be Updated
Within Vertical Blanking
u
u
u
u
u Selectable 12-bit Data Output with
User-Defined Rounding and
Limiting
u
u
u
u
u Seven 3K x 12-bit, Programmable
Two-Mode Line Buffers
u
u
u
u
u 16 Horizontal Filter Taps
u
u
u
u
u 8 Vertical Filter Taps
u
u
u
u
u Two Operating Modes: Dimension-
ally Separate and Orthogonal
u
u
u
u
u Supports Interleaved Data Streams
u
u
u
u
u Horizontal Filter Supports Decima-
tion up to 16:1 for Increasing
Number of Filter Taps
u
u
u
u
u 3.3 Volt Power Supply
u
u
u
u
u 5 Volt Tolerant I/O
u
u
u
u
u 144 Lead PQFP
FEATURES
DESCRIPTION
The LF3310 is a two-dimensional digital
image filter capable of filtering data at
real-time video rates. The device
contains both a horizontal and a
vertical filter which may be cascaded or
used concurrently for two-dimensional
filtering. The input, coefficient, and
output data are all 12-bits and in two’s
complement format.
The horizontal filter is designed to take
advantage of symmetric coefficient sets.
When symmetric coefficient sets are
used, the horizontal filter can be
configured as a 16-tap FIR filter. When
asymmetric coefficient sets are used, it
can be configured as an 8-tap FIR filter.
The vertical filter is an 8-tap FIR filter
with all required line buffers contained
on-chip. The line buffers can store
video lines with lengths from 4 to 3076
pixels.
Horizontal filter Interleave/Decima-
tion Registers (I/D Registers) and the
vertical filter line buffers allow
interleaved data to be fed directly into
the device and filtered without
separating the data into individual
data streams. The horizontal filter
can handle a maximum of sixteen
data sets interleaved together. The
vertical filter can handle interleaved
video lines which contain 3076 or less
data values. The I/D Registers and
horizontal accumulator facilitate
using decimation to increase the
number of filter taps in the horizontal
filter. Decimation of up to 16:1 is
supported.
The device has on-chip storage for 256
horizontal coefficient sets and 256
vertical coefficient sets. Each filter’s
coefficients are loaded independently
of each other allowing one filter’s
coefficients to be updated without
affecting the other filter’s coefficients.
In addition, a horizontal or vertical
coefficient set can be updated inde-
pendently from the other coefficient
sets in the same filter.
LF3310 BLOCK DIAGRAM
DIN11-0
3K LINE BUFFER
12
DOUT11-0
12
256 COEFFICIENT SET STORAGE
16-TAP HORIZONTAL FILTER
3K LINE BUFFER
3K LINE BUFFER
3K LINE BUFFER
3K LINE BUFFER
3K LINE BUFFER
3K LINE BUFFER
LF3310
Horizontal / Vertical Digital Image Filter
DEVICES INCORPORATED


同様の部品番号 - LF3310

メーカー部品番号データシート部品情報
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
More results

同様の説明 - LF3310

メーカー部品番号データシート部品情報
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
NXP Semiconductors
SAA9069 PHILIPS-SAA9069 Datasheet
281Kb / 8P
   DIGITAL VERTICAL FILTER(DVF)
January 1988
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com