データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF3304QC12 データシート(PDF) 3 Page - LOGIC Devices Incorporated

部品番号 LF3304QC12
部品情報  Dual Line Buffer/FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LODEV [LOGIC Devices Incorporated]
ホームページ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3304QC12 データシート(HTML) 3 Page - LOGIC Devices Incorporated

  LF3304QC12 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DEVICES INCORPORATED
Video Imaging Products
3
LF3304
Dual Line Buffer/FIFO
08/16/2000–LDS.3304-F
RWB — Reset Write B
See RWA Description.
RRB — Reset Read B
See RRA description.
OEA — Output Enable A
When OEA is LOW, AOUT11-0 is
enabled for output. When OEA is
HIGH, AOUT11-0 is placed in a high-
impedence state.
OEB — Output Enable B
When OEB is LOW, BOUT11-0 is
enabled for output. When OEB is
HIGH, BOUT11-0 is placed in a high-
impedence state.
Outputs
AOUT11-0 — Data Output A
AOUT11-0 is the 12-bit registered
data output port.
BOUT11-0 — Data Output B
BOUT11-0 is the 12-bit registered
data output port.
FIFO MODE
SIGNAL DEFINITIONS
Power
VCC and GND
+3.3 V power supply. All pins must be
connected.
Clocks
WCLKA — Write Clock A
Data present on AIN11-0 is written
into the LF3304 on the rising edge of
WCLKA when the device is configured
for writing.
RCLKA — Read Clock A
Data is read from the LF3304 and
presented on the output port (AOUT11-0)
after tD has elapsed from the rising
edge of RCLKA when the device is
configured for reading and the output
port is enabled. WCLKA and RCLKA
can be tied together and driven by the
same external clock or they may be
controlled by separate external clocks.
WCLKB — Write Clock B
Data present on BIN11-0 is written into
the LF3304 on the rising edge of
WCLKB when the device is configured
for writing.
RCLKB — Read Clock B
Data is read from the LF3304 and
presented on the output port (BOUT11-0)
after tD has elapsed from the rising
edge of RCLKB when the device is
configured for reading and the output
port is enabled. WCLKB and RCLKB
can be tied together and driven by the
same external clock or they may be
controlled by separate external clocks.
Inputs
AIN11-0 — Data Input A
AIN11-0 is the 12-bit registered data
input port.
BIN11-0 — Data Input B
BIN11-0 is the 12-bit registered data
input port.
ADDRA — Address A
If LDA is LOW, on the rising edge of
WCLKA data present on AIN11-0 is
written into the PAFA or PAEA register
depending on ADDRA (see Table 2).
The LSB, AIN0, corresponds to the LSB
of PAFA and PAEA registers. The MSB,
AIN11, corresponds to the MSB of PAFA
andPAEAregisters.
ADDRB — Address B
If LDB is LOW, on the rising edge of
WCLKB data present on BIN11-0 is
written into the PAFB or PAEB register
depending on ADDRB (see Table 2).
The LSB, BIN0, corresponds to the LSB
of PAFB and PAEB registers. The MSB,
BIN11, corresponds to the MSB of PAFB
and PAEB registers.
MODE1-0 — Mode Select
Themodeselectinputsdeterminethe
operating mode of the LF3304 (Table 1) for
data being input on the next clock cycle.
Whenswitchingbetweenmodes,the
internal pipeline latencies of the device
mustbeobserved. Afterswitching
operatingmodes,eithertheusermust
allow enough clock clycles to pass to flush
the internal RAM Array or RWx and RRx
mustbedrivenLOWtogetherbeforevalid
data will appear on the outputs.
LENGTH — Non-Flag Pins
In FIFO Mode, the unused LENGTH pins
(LENGTH11, LENGTH10, LENGTH5,
LENGTH4) must be tied LOW.
Controls
LDA — RAM Array A Load
When LDA is LOW, data on AIN11-0 is
latched in the LF3304 on the rising edge
of WCLKA.
TABLE 2.
LOADING PROGRAMMABLE FLAG REGISTERS
ADDRA
ADDRB
LDA
LDB
WCLKA
WCLKB
Operation
0
x
0
x
x
PAEA Register
1
x
0
x
x
PAFA Register
x
0
x
0
x
PAEB Register
x
1
x
0
x
PAFB Register


同様の部品番号 - LF3304QC12

メーカー部品番号データシート部品情報
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3310QC12 LODEV-LF3310QC12 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3310QC15 LODEV-LF3310QC15 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
More results

同様の説明 - LF3304QC12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
   LIFO/FIFO Buffer Register
logo
LOGIC Devices Incorpora...
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com