データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF3310QC15 データシート(PDF) 7 Page - LOGIC Devices Incorporated

部品番号 LF3310QC15
部品情報  Horizontal / Vertical Digital Image Filter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LODEV [LOGIC Devices Incorporated]
ホームページ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3310QC15 データシート(HTML) 7 Page - LOGIC Devices Incorporated

Back Button LF3310QC15 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 11Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DEVICES INCORPORATED
Video Imaging Products
7
LF3310
Horizontal / Vertical Digital Image Filter
11/08/2001-LDS.3310-H
the I/D Register length.
The I/D Registers also facilitate using
decimation to increase the number of
filter taps. Decimation by N is
accomplished by reading the horizon-
tal filter’s output once every N clock
cycles. The device supports decima-
tion up to 16:1. With no decimation,
the maximum number of filter taps is
sixteen. When decimating by N, the
number of filter taps becomes 16N
because there are N–1 clock cycles
when the horizontal filter’s output is
not being read. The extra clock cycles
are used to calculate more filter taps.
When decimating, the I/D Registers
should be set to a length equal to the
decimation factor. For example,
when performing a 4:1 decimation,
the I/D Registers should be set to a
length of four. When not decimating
or when only one data set
(non-interleaved data) is fed into the
device, the I/D Registers should be
set to a length of one.
HSHEN enables or disables the
loading of data into the forward and
reverse I/D Registers when the device
is in Dimensionally Separate Mode
(see the HSHEN section for a full
discussion). When in Orthogonal
Mode, HSHEN also enables or
disables the loading of data into the
input register (DIN11-0) and the line
buffers.
It is important to note that in
Orthogonal Mode, either HSHEN or
VSHEN can disable the loading of
data into the input register (DIN11-0),
FIGURE 9.
I/D REGISTER DATA PATHS
ALU
AB
ALU
AB
COEF 7
COEF 6
ALU
AB
ALU
AB
COEF 7
COEF 6
Delay Stage N–1
ALU
AB
ALU
AB
COEF 6
EVEN-TAP MODE
ODD-TAP MODE
ODD-TAP INTERLEAVE MODE
2
COEF 7
2
Delay Stage N
FIGURE 8.
SYMMETRIC COEFFICIENT SET EXAMPLES
1
2
3
4
5
6
7
8
Even-Tap, Even-Symmetric
Coefficient Set
Odd-Tap, Even-Symmetric
Coefficient Set
1
2
3
4
5
6
7
8
Even-Tap, Odd-Symmetric
Coefficient Set
1
2
3
4
5
6
7
I/D Registers, and line buffers. Both
must be active to enable data loading
in Orthogonal Mode.
I/D Register Data Path Control
The multiplexer in the middle of the
I/D Register data path controls how
data is fed to the reverse data path.
The forward data path contains
the I/D Registers in which data
flows from left to right in the
block diagram in Figure 1. The
reverse data path contains the I/D
Registers in which data flows from
right to left. When the filter is
configured for an even number of
taps, data from the last I/D Regis-
ter in the forward data path is fed
into the first I/D Register in the
reverse data path (see Figure 9).


同様の部品番号 - LF3310QC15

メーカー部品番号データシート部品情報
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
More results

同様の説明 - LF3310QC15

メーカー部品番号データシート部品情報
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
NXP Semiconductors
SAA9069 PHILIPS-SAA9069 Datasheet
281Kb / 8P
   DIGITAL VERTICAL FILTER(DVF)
January 1988
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com