データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF3338QC12 データシート(PDF) 9 Page - LOGIC Devices Incorporated

部品番号 LF3338QC12
部品情報  8-Bit Vertical Digital Image Filter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LODEV [LOGIC Devices Incorporated]
ホームページ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3338QC12 データシート(HTML) 9 Page - LOGIC Devices Incorporated

Back Button LF3338QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 12Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DEVICES INCORPORATED
Video Imaging Products
9
LF3338
8-Bit Vertical Digital Image Filter
04/06/1999–LDS.3338-B
REGISTER
ADDRESS (HEX)
0
A00
1
A01
14
A0E
15
A0F
TABLE 7. ROUND REGISTERS
REGISTER
ADDRESS (HEX)
0
E00
1
E01
14
E0E
15
E0F
TABLE 9. LIMIT REGISTERS
REGISTER
ADDRESS (HEX)
0
600
1
601
14
60E
15
60F
TABLE 8. SELECT REGISTERS
11 10 9
DESCRIPTION
0
0
0
Coefficient Banks
0
0
1
Configuration Registers
0
1
1
Select Registers
1
0
1
Round Registers
1
1
1
Limit Registers
TABLE 6. CF11-9 DECODE
TABLE 11.
CONFIGURATION REGISTER LOADING FORMAT
CF11
CF10
CF9
CF8
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
1st Word - Address
0
0
1000000010
2nd Word - Data
0
0
0000000011
significant bits (CF11-9) determine if
the LF InterfaceTM will load coefficient
banks or configuration/control
registers (see Table 6). The nine least
significant bits (CF8-0) are the address
for whatever is to be loaded (see
Tables 7 through 9). For example, to
load address 15 of the coefficient
banks, the first data value into the
LF InterfaceTM should be 00FH. To
load limit register 10, the first data
value should be E0AH. The first
address value should be loaded into
the interface on the same clock cycle
that latches the HIGH to LOW
transition of LD (see Figures 6 and 7).
The next value(s) loaded into the
interface are the data value(s) which
will be stored in the bank or register
defined by the address value. When
loading coefficient banks, the interface
will expect eight values to be loaded
into the device after the address value.
The eight values are coefficients 0
through 7. When loading configura-
tion or select registers, the interface
will expect one value after the address
value. When loading round or limit
registers, the interface will expect four
values after the address value. Fig-
ures 6 and 7 show the data loading
sequences for the coefficient banks
and configuration/control registers.
PAUSE allows the user to effectively
slow the rate of data loading through
the LF InterfaceTM. When PAUSE is
HIGH, the LF InterfaceTM is held until
PAUSE is returned to a LOW. Figures
8 through 11 display the effects of
PAUSE while leading coefficient and
control data.
Table 10 shows an example of
loading data into the coefficient
banks. The following data values
are written into address 10 of
coefficient banks 0 through 7: 210H,
543H, C76H, 9E3H, 701H, 832H,
F20H, 143H. Table 11 shows an
example of loading data into a
TABLE 12.
ROUND REGISTER LOADING FORMAT
CF11
CF10
CF9
CF8
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
1st Word - Address
1
0
1000001100
2nd Word - Data
R
R
R
R
1010001
0*
3rd Word - Data
R
R
R
R
11110100
4th Word - Data
R
R
R
R
10000011
5th Word - Data
R
R
R
R
0**
1110110
R = Reserved. Must be set to “0”.
* This bit represents the LSB of the Round Register.
** This bit represents the MSB of the Round Register.


同様の部品番号 - LF3338QC12

メーカー部品番号データシート部品情報
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3330QC12 LODEV-LF3330QC12 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3330QC15 LODEV-LF3330QC15 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
More results

同様の説明 - LF3338QC12

メーカー部品番号データシート部品情報
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
logo
ON Semiconductor
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
   8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
   8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com