データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF3370QC12 データシート(PDF) 6 Page - LOGIC Devices Incorporated

部品番号 LF3370QC12
部品情報  High-Definition Video Format Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LODEV [LOGIC Devices Incorporated]
ホームページ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370QC12 データシート(HTML) 6 Page - LOGIC Devices Incorporated

Back Button LF3370QC12 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3370QC12 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3370QC12 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3370QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3370QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3370QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3370QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3370QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3370QC12 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LF3370
High-Definition Video Format Converter
6
03/13/2001–LDS.3370-F
Video Imaging Products
DEVICES INCORPORATED
LF3370’s core. Data may be presented on
input ports A12-0, B12-0, and C12-0 as three
channels of non-interleaved input data, one
channel non-interleaved and one channel
interleaved input data, or one channel of
interleaveddata(seeTable1forvarious
videoinputschemes). D12-0 istheKey
channel input port; the Key channel is
simply passed through the input
demultiplexerwithalatencythatmatches
the other three channels.
If video data is non-interleaved and
presented to input ports A12-0, B12-0, and
C12-0, no demultiplexing is performed.
The three channels are passed unmodified
into the LF3370 core with a delay of 3 CLK
cycles. For this operation, bits 0 and 1
must both be set to 1 in Configuration
Register 0 (see Table 5).
If video data is on two channels (see Figure
4), one channel of non-interleaved video
and one channel of interleaved video, it is
assumedthatnon-interleavedvideois
presented to input port A12-0 (i.e., Luma)
FIGURE 4. INPUT PROCESSING 4:2:2:4 (INTERLEAVED CHROMA ON CHANNEL B)
CLK
1
2
3
Demultiplexed Input Data (Output of Demux Section)
A12-0
5
6
7
8
10
13
Y0
Y1
Y2
Y3
Y4
Y5
Y6
911
SYNC
Y7
Y8
Y9
A'12-0**
C'12-0**
D'12-0**
B'12-0**
412
14
D12-0
Y10
Y11
Y12
17
15
16
*
B12-0
CB0
CR0
CB2
CR2
CB4
CR4
CB6
CR6
CB8
CR8
CB10
CR10
CB12
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K12
CR'0
CR'2
CR'4
CR'6
CB'0
CB'2
CB'4
CB'6
Y'0
Y'1
Y'2
Y'3
Y'4
Y'5
Y'6
Y'7
Y'8
K'0
K'1
K'2
K'3
K'4
K'5
K'6
K'7
K'8
CR'6
CB'6
RESET
FIGURE 5. INPUT PROCESSING 4:2:2:4 (INTERLEAVED LUMA/CHROMA ON CHANNEL A)
CLK
RESET
1
2
3
Core Clock (Internally Generated and Synchronized to CLK by RESET) Used Only When Single Channel Interleaved Input or Output Video is Used.
Demultiplexed Input Data (Output of Demux Section)
A12-0
5
6
7
8
10
13
CB0
Y0
CR0
Y1
CB2
Y2
CR2
911
CLK/2*
SYNC
Y3
CB4
Y4
A’12-0**
C’12-0**
CR’0
D’12-0**
B’12-0**
CB’0
412
14
D12-0
K0
K1
K2
K3
K4
Y’0
Y’1
Y’2
K’0
K’1
K’2
CR’1
CB’1
K5
Y’3
K’3
CR4
Y5
CB6
17
15
16
18
*
**


同様の部品番号 - LF3370QC12

メーカー部品番号データシート部品情報
logo
LOGIC Devices Incorpora...
LF3304 LODEV-LF3304 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
LF3304QC10 LODEV-LF3304QC10 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
LF3304QC12 LODEV-LF3304QC12 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
LF3304QC15 LODEV-LF3304QC15 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
More results

同様の説明 - LF3370QC12

メーカー部品番号データシート部品情報
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
Zoran Corporation
CVE5 ZORAN-CVE5 Datasheet
232Kb / 2P
   High Definition Video Encoder
logo
Analog Devices
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
   Integrated Triple Video Filter for High Definition Video
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com