データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1690A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1690A
部品情報  SAW Filter 881.5MHz 25MHz BW SMD 1.1X0.9 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1690A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1690A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 881.5MHz 25MHz BW SMD 1.1×0.9 mm
MODEL NO.: TA1690A
REV. No.: 1.0
A. MAXIMUM RATING:
1. Maximum Input Power: 29 dBm
2.DC voltage: 0 V
3.Operating Temperature: -30°C to +85°C
4.Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Parameters Description (Band 1)
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
881.5
-
Insertion Loss within 869.0 ~ 894.0 MHz
dB
-
1.5
2.0
Amplitude Ripple within 869.0 ~ 894.0 MHz
dBp-p
-
0.5
1.0
VSWR within 869.0 ~ 894.0 MHz
-
-
1.6
2.0
Amplitude balance within 869.0 ~ 894.0 MHz
dB
-1.0
-0.1 ~ +0.2
+1.0
Phase balance within 869.0 ~ 894.0 MHz
deg
-10
-0.2 ~ +3.5
+10
Attenuation:
DC ~ 824.0 MHz
dB
50
65
-
824.0 ~ 849.0 MHz
dB
50
56
-
914.0 ~ 960.0 MHz
dB
25
35
-
960.0 ~ 2000.0 MHz
dB
40
50
-
2000.0 ~ 6000.0 MHz
dB
30
43
-
Notes : (1) No Matching Network .
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA1690A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA1690A GOLLEDGE-TA1690A Datasheet
190Kb / 8P
   SAW Filter 881.50MHz
logo
Transko Electronics, In...
TA1690AM1 TRANSKO-TA1690AM1 Datasheet
362Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: December 2004
More results

同様の説明 - TA1690A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA2568A TAI-SAW-TA2568A Datasheet
421Kb / 9P
   SAW Filter 2332.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TA2471B TAI-SAW-TA2471B Datasheet
541Kb / 8P
   SAW Filter 1176.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TA2522ATCA TAI-SAW-TA2522ATCA Datasheet
900Kb / 7P
   TCSAW Filter 2332.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TA2392ATCA TAI-SAW-TA2392ATCA Datasheet
707Kb / 8P
   TCSAW Filter 2332.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TA2392ATCB TAI-SAW-TA2392ATCB Datasheet
485Kb / 8P
   TCSAW Filter 2332.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
TA1811D TAI-SAW-TA1811D Datasheet
414Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1816B TAI-SAW-TA1816B Datasheet
428Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1411 (25MHz BW)
TA1811DN TAI-SAW-TA1811DN Datasheet
228Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com