データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZSH6-100C データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 CZSH6-100C
部品情報  SCHOTTKY POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZSH6-100C データシート(HTML) 1 Page - Central Semiconductor Corp

  CZSH6-100C_15 Datasheet HTML 1Page - Central Semiconductor Corp CZSH6-100C_15 Datasheet HTML 2Page - Central Semiconductor Corp CZSH6-100C_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CZSH6-100C
SURFACE MOUNT SILICON
DUAL, COMMON CATHODE
SCHOTTKY POWER RECTIFIER
6.0 AMP, 100 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZSH6-100C is
manufactured with two 3.0 Amp Schottky rectifiers
assembled in a common cathode configuration and
packaged in a SOT-223 case. This device has been
designed for high voltage applications requiring a low
forward voltage drop.
MARKING: FULL PART NUMBER
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
V
DC Blocking Voltage
VR
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Forward Current (TA=75°C)
IO
6.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
75
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=100V
10
μA
IR
VR=100V, TA=100°C
20
mA
VF
IF=1.0A
0.7
V
VF
IF=3.0A
0.8
V
VF
IF=6.0A
1.0
V
R1 (1-May 2014)
www.centr a lsemi.com


同様の部品番号 - CZSH6-100C_15

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZSH6-100C CENTRAL-CZSH6-100C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 6 AMP
More results

同様の説明 - CZSH6-100C_15

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com