データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW68GLT1 データシート(PDF) 2 Page - Leshan Radio Company

部品番号 BCW68GLT1
部品情報  General Purpose Transistors(PNP Silicon)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW68GLT1 データシート(HTML) 2 Page - Leshan Radio Company

  BCW68GLT1 Datasheet HTML 1Page - Leshan Radio Company BCW68GLT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
M12–2/2
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
( IC= –10 mAdc, VCE = –1.0 Vdc )
120
400
( IC= –100 mAdc, VCE = –1.0 Vdc )
160
( IC= –300 mAdc, VCE = –1.0 Vdc )
60
Collector–Emitter Saturation Voltage
V CE(sat)
– 1.5
Vdc
( IC = – 300 mAdc, IB = –30 mAdc )
Base–Emitter Saturation Voltage
V BE(sat)
– 2.0
Vdc
( IC = – 500 mAdc, IB = –50 mAdc )
SMSMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(I C = –20mAdc, V CE = –10 Vdc, f = 100 MHz)
Output Capacitance
C obo
18
pF
(V CB = – 10 Vdc, I E = 0, f = 1.0 MHz)
Input Capacitance
C ibo
105
pF
(V EB = –0.5 Vdc, I C = 0, f = 1.0 MHz)
Noise Figure
NF
10
dB
(V CE= – 5.0 Vdc, I C= – 0.2 mAdc, RS = 1.0 k
Ω, f = 1.0 kHz, BW = 200 Hz)
BCW68GLT1


同様の部品番号 - BCW68GLT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
BCW68GLT1 WILLAS-BCW68GLT1 Datasheet
297Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
68Kb / 5P
   General Purpose Transistor
March, 2015 ??Rev. 7
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
92Kb / 5P
   General Purpose Transistor
November, 2016 ??Rev. 8
More results

同様の説明 - BCW68GLT1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com