データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW68GLT1 データシート(PDF) 1 Page - Leshan Radio Company

部品番号 BCW68GLT1
部品情報  General Purpose Transistors(PNP Silicon)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW68GLT1 データシート(HTML) 1 Page - Leshan Radio Company

  BCW68GLT1 Datasheet HTML 1Page - Leshan Radio Company BCW68GLT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
M12–1/2
1
3
2
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
– 45
Vdc
Collector–Base Voltage
V CBO
– 60
Vdc
Emitter–Base Voltage
V EBO
– 5.0
Vdc
Collector Current — Continuous
I C
– 800
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
BCW68GLT1 = DH
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = –10 mAdc, IB = 0 )
V (BR)CEO
– 45
Vdc
Collector–Emitter Breakdown Voltage (IC = –10
µAdc, V
EB = 0 )
V (BR)CES
– 60
Vdc
Emitter–Base Breakdown Voltage (I E= –10
µAdc, I
C = 0)
V (BR)EBO
– 5.0
Vdc
Collector Cutoff Current
I CES
(VCE = –45 Vdc, I E= 0 )
– 20
nAdc
(VCE = –45 Vdc, I B= 0 , TA = 150°C)
– 10
µAdc
Emitter Cutoff Current (VEB = – 4.0 Vdc, I C = 0)
I EBO
– 20
nAdc
1. FR– 5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
BCW68GLT1
2
EMITTER
3
COLLECTOR
1
BASE
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)


同様の部品番号 - BCW68GLT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
BCW68GLT1 WILLAS-BCW68GLT1 Datasheet
297Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
68Kb / 5P
   General Purpose Transistor
March, 2015 ??Rev. 7
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
92Kb / 5P
   General Purpose Transistor
November, 2016 ??Rev. 8
More results

同様の説明 - BCW68GLT1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com