データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1704 データシート(PDF) 1 Page - Linear Technology

部品番号 LTC1704
部品情報  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1704 データシート(HTML) 1 Page - Linear Technology

  LTC1704_15 Datasheet HTML 1Page - Linear Technology LTC1704_15 Datasheet HTML 2Page - Linear Technology LTC1704_15 Datasheet HTML 3Page - Linear Technology LTC1704_15 Datasheet HTML 4Page - Linear Technology LTC1704_15 Datasheet HTML 5Page - Linear Technology LTC1704_15 Datasheet HTML 6Page - Linear Technology LTC1704_15 Datasheet HTML 7Page - Linear Technology LTC1704_15 Datasheet HTML 8Page - Linear Technology LTC1704_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC1704/LTC1704B
1
1704bfa
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®1704/LTC1704B include a high power synchro-
nous switching regulator controller plus a linear regulator
controller. The switching regulator controller is designed
to drive a pair of N-channel MOSFETs in a voltage mode,
synchronous buck configuration to provide the main sup-
ply. The constant frequency, true PWM architecture
switches at 550kHz, minimizing external component size,
cost and optimizing load transient performance. The
LTC1704 features automatic transition to power saving
Burst Mode operation at light loads. The LTC1704B does
not shift into Burst Mode operation at light loads, eliminat-
ing low frequency output ripple at the expense of light load
efficiency. The linear regulator controller is designed to
drive an external NPN power transistor to provide up to 2A
of current to an auxiliary load.
The LTC1704/LTC1704B deliver better than
±1.5% DC
accuracy at the switcher outputs and
±2% at the linear
regulator outputs. High performance feedback loops allow
the circuit to keep total output regulation within
±5%
under all transient conditions. An open-drain PGOOD
output indicates when both outputs are within
±10% of
their regulated values.
s
Multiple Logic Supply Generator
s
Distributed Power Applications
s
High Efficiency Power Conversion
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Dual Regulated Outputs: One Switching Regulator
and One Linear Regulator
s
Excellent DC Accuracy:
±1.5% for Switcher
and
±2% for Linear Regulator
s
External N-Channel MOSFET Architecture
s
No External Current Sense Resistor Required
s
Burst Mode
® Operation at Light Load (LTC1704)
s
Continuous Switching at Light Load (LTC1704B)
s
Linear Regulator with Programmable Current Limit
s
Linear Regulator with Programmable Start-Up Delay
s
Low Shutdown Current: <150
µA
s
High Efficiency Over Wide Load Current Range
s
PGOOD Flag Monitors Both Outputs
s
Small 16-Pin Narrow SSOP Package
550kHz Synchronous
Switching Regulator Controller
Plus Linear Regulator Controller
Burst Mode is a registered trademark of Linear Technology Corporation.
5V to 1.8V/15A and 1.5V/2A Application
BOOST
TG
SW
PGOOD
REGILM
CCP
1
µF
10
13.7k
11k
1.8k
10k
8.06k
1800pF
5k
470k
10
µF
10
µF
MBR0520LT1
16
1
2
QTB
1
µF
L1
0.68
µH
11
12
10
0.1
µF
1000pF
ON SEMI
D44H11
698
806
RUN/SS
4
GND
8
REGDR
7
REGFB
9
1704 TA01
PVCC
LTC1704
VCC
QTA
BG
14
IMAX
3
PGND
13
COMP
5
FB
6
QBA
QBB
+
100
µF
TANT
VOUTREG
1.5V
2A
VOUTSW
330pF
1800pF
CIN: KEMET T510X337K010AS
COUTSW: PANASONIC EEFUE0G181R
L: SUMIDA CEP125-4712-T007
QTA, QTB, QBA, QBB: FAIRCHILD FDS6670A
+
+
COUTSW
180
µF
4V
×6
CIN
330
µF
10V
×3
VIN
5V
VOUTSW
1.8V
15A
+
+
15
ILOAD (A)
0
80
90
100
12
1704 G04
70
60
50
3
6
9
15
VIN = 5V
VOUTSW = 1.8V
TA = 25°C
QT = QB = 2xFDS6670A
Switcher Efficiency


同様の部品番号 - LTC1704_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1704B LINER-LTC1704B Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704BEGN LINER-LTC1704BEGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
More results

同様の説明 - LTC1704_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com