データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1704 データシート(PDF) 25 Page - Linear Technology

部品番号 LTC1704
部品情報  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1704 データシート(HTML) 25 Page - Linear Technology

Back Button LTC1704_15 Datasheet HTML 20Page - Linear Technology LTC1704_15 Datasheet HTML 21Page - Linear Technology LTC1704_15 Datasheet HTML 22Page - Linear Technology LTC1704_15 Datasheet HTML 23Page - Linear Technology LTC1704_15 Datasheet HTML 24Page - Linear Technology LTC1704_15 Datasheet HTML 25Page - Linear Technology LTC1704_15 Datasheet HTML 26Page - Linear Technology LTC1704_15 Datasheet HTML 27Page - Linear Technology LTC1704_15 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC1704/LTC1704B
25
1704bfa
where VBE(QEXT) is base emitter voltage of QEXT and
VDROPOUT is the LTC1704 linear regulator controller drop-
out voltage.
The MJD44H11 from ON Semiconductor has a VBE of
around 0.9V at IC = 2A, 25°C and the LTC1704’s VDROPOUT
is 1.1V maximum with 30mA of drive current.
If the computed minimum VCC is less than the LTC1704
requirement of 3.15V then 3.15V should be used.
The minimum VINREG is determined by the VCE saturation
voltage of QEXT when it is driven with a base current equal
to the maximum REGDR pin drive current. The D44H11
has a saturation voltage of around 0.2V at IC = 2A, 25°C.
A typical 1.5V VOUTREG, 2A application will need a mini-
mum VCC of 1.5V + 0.9V + 1.1V = 3.5V and a minimum
VINREG of 1.5V + 0.2V = 1.7V to operate.
If a VOUTREG of 0.8V is needed, the minimum VCC should
be 3.15V and the minimum VINREG is 0.8V + 0.2V = 1V.
External NPN Pass Transistor
The external NPN Pass transistor for the LTC1704 linear
regulator supply should be selected based on the follow-
ing criteria:
1. Maximum output current
2. DC current gain hFE
3. Total allowable power dissipation
4. Gain bandwidth product fT
The NPN transistor must be able to supply the maximum
operating current for the linear regulator supply. At the
same time, the DC current gain hFE must be large enough
such that the pass transistor can supply the maximum
load current with 30mA of base current. The transistor
must not be subjected to power dissipation higher than
the rated value, both during normal operation and over-
load conditions. Heat sink can be used to increase the
alloweable power dissipation rating. The gain bandwidth
product fT of the transistor determines how fast the linear
regulator can follow an output load change without losing
voltage regulation.
The MJD44H11 from ON Semiconductor and SGS-
Thomson can be used in the LTC1704 linear regulator
supply with current ratings up to 2A. The MJD44H11 from
ON Semiconductor can supply 8A of output current and
the minimum DC Current Gain hFE is 60 at IC = 2A. The
power dissipation rating is 1.75W without heat sink and
the gain bandwidth product fT of the MJD44H11 is typi-
cally 50MHz.
Linear Regulator Supply Current Limit Programming
The LTC1704 linear regulator uses an external resistor
RREGILM to program the NPN pass transistor base current.
This indirectly programs the linear regulator current limit
threshold. Figure 13 shows the setup. One end of the
resistor RREGILM is connected to an external voltage
source VREGON or, alternatively, it can be connected to the
VCC pin. The other end of the resistor is connected to the
REGILM pin. REGILM is internally regulated to 0.8V. The
voltage difference across this resistor generates the
REGILM pin input current. This current, together with the
internal 1.9
µAcurrentsource,programstheREGDRmaxi-
mum output current. The actual linear regulator current
limit depends on the pass transistor’s widely distributed
DC current gain hFE, which makes this current limit scheme
not particularly accurate. Nevertheless, this method re-
moves the expensive current sense resistor and with
careful design, it is sufficient to protect the external NPN
from over damaging.
The following equation shows the relationship between
RREGILM and the linear regulator current limit threshold
ILT:
R
V
I
h
mA
REGILM
REGON
LT
FE
= ()(
)


–.
–.
0 8 2100
75
where VREGON is the pull-up voltage source for RREGILM
(see Figure 13).
When there is an overload at the linear regulator output,
the current limit circuit fires and the output voltage drops.
To protect the NPN from excessive heating, the controller
APPLICATIO S I FOR ATIO


同様の部品番号 - LTC1704_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1704B LINER-LTC1704B Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704BEGN LINER-LTC1704BEGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
More results

同様の説明 - LTC1704_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com