データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB1N-590-02 データシート(PDF) 1 Page - Roithner LaserTechnik GmbH

部品番号 SMB1N-590-02
部品情報  yellow high power led
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-590-02 データシート(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMB1N-590-02 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-590-02 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-590-02 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
SMB1N-590-02
v 1.1 17.07.2014
Description
SMB1N-590-02 is a surface mount AlGaInP High Power LED with a typical peak wavelength of 590 nm
and radiation of 200 mW. It comes in SMD package (PA9T) with silver plated soldering pads (lead free
solderable), copper heat sink, and molded with silicone resin.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
1600
mW
Forward Current
IF
350
mA
Pulse Forward Current *
1
IFP
1000
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
10
K/W
Junction Temperature
TJ
100
°C
Operating Temperature
TCASE
- 40
+ 85
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
*
2 measured by Tektronix J-6512
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=350mA
590
nm
Half Width
∆λ
IF=350mA
20
nm
Forward Voltage
VF
IF=350mA
2.2
2.8
V
VFP
IFP=1A
2.8
Radiated Power *
1
PO
IF=350mA
200
mW
IFP=1A
560
Radiant Intensity *
2
IE
IF=350mA
350
mW/sr
IFP=1A
1000
Brigthness
IV
IF=350mA
42
cd
IFP=1A
120
Viewing Angle
φ
IF=100mA
24
deg.
Rise Time
tR
IF=350mA
300
ns
Fall Time
tF
IF=350mA
100
ns


同様の部品番号 - SMB1N-590-02

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
SMB1N-590 ROITHNER-SMB1N-590 Datasheet
521Kb / 3P
   yellow high power led
More results

同様の説明 - SMB1N-590-02

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
SMB1N-590 ROITHNER-SMB1N-590 Datasheet
521Kb / 3P
   yellow high power led
logo
Unisonic Technologies
PYE01NBT-C0 UTC-PYE01NBT-C0 Datasheet
147Kb / 4P
   YELLOW HIGH POWER LED
logo
Roithner LaserTechnik G...
ELJ-595-225 ROITHNER-ELJ-595-225 Datasheet
58Kb / 1P
   high-power yellow-led module
logo
Marktech Corporate
LM2-TYL1-F1 MARKTECH-LM2-TYL1-F1 Datasheet
266Kb / 2P
   Yellow Power SMT LED
LM2-AYL1-F1 MARKTECH-LM2-AYL1-F1 Datasheet
87Kb / 2P
   Yellow Power SMT LED
logo
LUMEX INC.
SML-LX1610SYC+A LUMEX-SML-LX1610SYC+A Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED, 590nm YELLOW LED
logo
List of Unclassifed Man...
SML-LX1610SYCA ETC2-SML-LX1610SYCA Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm yellow LED.
logo
LUMEX INC.
SML-LX1610SYC LUMEX-SML-LX1610SYC Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED, 590nm YELLOW LED
logo
List of Unclassifed Man...
SML-LX1610SYC ETC2-SML-LX1610SYC Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm yellow LED.
logo
Seoul Semiconductor
HY310 SEOUL-HY310 Datasheet
473Kb / 10P
   YELLOW HIGH FLUX LED
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com