データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM05-0006 データシート(PDF) 2 Page - Tyco Electronics

部品番号 AM05-0006
部品情報  High Intercept Amplifier, 15 - 100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

AM05-0006 データシート(HTML) 2 Page - Tyco Electronics

  AM05-0006 Datasheet HTML 1Page - Tyco Electronics AM05-0006 Datasheet HTML 2Page - Tyco Electronics AM05-0006 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Intercept Amplifier, 15 - 100 MHz
AM05-0006
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
2
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
+15 dBm
Vbias
-0.5 to +14.0 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Pin Configuration
Pin #
Function
Pin #
Function
1
RF IN
6
Vbias
2
GND 1
7
GND 2
3
GND
8
RF OUT
4
GND
9
GND
5
GND
10
GND
Recommended Board Layout
S-Parameter Data
S11
S21
S12
S22
MAG
ANG
dB
MAG
ANG
dB
MAG
ANG
MAG
ANG
5
0.0928
-30
9.63
3.03
-176
-14.28
0.19
175
0.1105
44
20
0.0576
-32
9.98
3.16
170
-14.02
0.20
170
0.0513
-20
35
0.0384
-22
10.13
3.21
158
-13.95
0.20
161
0.0453
-22
50
0.0323
-3
10.21
3.24
146
-14.05
0.20
151
0.0582
-21
65
0.0355
26
10.29
3.27
136
-14.27
0.19
141
0.0792
-27
80
0.0471
45
10.41
3.31
124
-14.61
0.19
133
0.1042
-37
95
0.0618
50
10.53
3.36
113
-15.03
0.18
124
0.1288
-49
110
0.0778
51
10.71
3.43
102
-15.54
0.17
115
0.1496
-61
125
0.0936
49
10.95
3.53
91
-16.19
0.16
107
0.1639
-74
Frequency
(MHz)


同様の部品番号 - AM05-0006

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM05-0006 MACOM-AM05-0006 Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0006 MA-COM-AM05-0006 Datasheet
95Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0006-TB MACOM-AM05-0006-TB Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0006-TB MA-COM-AM05-0006-TB Datasheet
95Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0006TR MACOM-AM05-0006TR Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
More results

同様の説明 - AM05-0006

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM05-0005 MACOM-AM05-0005 Datasheet
241Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0006 MACOM-AM05-0006_1 Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0006 MA-COM-AM05-0006 Datasheet
95Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0005 MACOM-AM05-0005_1 Datasheet
289Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0005 MA-COM-AM05-0005 Datasheet
94Kb / 3P
   High Intercept Amplifier 15 - 100 MHz
logo
Teledyne Technologies I...
TSA-213242 TELEDYNE-TSA-213242 Datasheet
172Kb / 2P
   100 TO 1500 MHz, 15 WATTS HIGH POWER GaN AMPLIFIER
logo
Tyco Electronics
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
   High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
   HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com