データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M100FF3 データシート(PDF) 1 Page - Voltage Multipliers Inc.

部品番号 M100FF3
部品情報  High Voltage Diodes - Axial Lead 20mA - 40mA ??30ns - 50ns ??Hermetic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VMI [Voltage Multipliers Inc.]
ホームページ  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

M100FF3 データシート(HTML) 1 Page - Voltage Multipliers Inc.

  M100FF3 Datasheet HTML 1Page - Voltage Multipliers Inc. M100FF3 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
VOLTAGE MULTIPLIERS INC.
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
θ L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
20
0
0
.
=
L5
2
1
.
=
L0
5
2
.
=
LC
°
5
2
s
t
l
o
VA
mA
mA
µA
µs
t
l
o
VA
ms
p
m
As
p
m
As
nW
/
C
°W
/
C
°W
/
C
°F
p
3
F
F
0
5
M
3
F
F
0
0
1
M
0
0
0
5
0
0
0
0
1
0
4
0
2
0
2
0
1
1
.
0
1
.
0
0
1
0
1
5
.
2
1
0
.
5
2
0
4
0
2
0
.
2
0
.
1
4
.
0
2
.
0
0
3
0
3
8
1
8
1
0
3
0
3
0
5
0
5
0
.
1
5
.
0
5
F
F
0
5
M
5
F
F
0
0
1
M
0
0
0
5
0
0
0
0
1
0
4
0
2
0
2
0
1
1
.
0
1
.
0
0
1
0
1
5
.
2
1
0
.
5
2
0
4
0
2
0
.
2
0
.
1
4
.
0
2
.
0
0
5
0
5
8
1
8
1
0
3
0
3
0
5
0
5
0
.
1
5
.
0
High Voltage Diodes - Axial Lead
20mA - 40mA • 30ns - 50ns • Hermetic
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=12.5mA, Ir=25mA, Irr=6.3mA *Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
t
r
a
PA
3
F
F
0
5
M.
X
A
M
)
2
7
.
5
(
5
2
2
.
3
F
F
0
0
1
M.
X
A
M
)
2
6
.
7
(
0
0
3
.
5
F
F
0
5
M.
X
A
M
)
2
7
.
5
(
5
2
2
.
5
F
F
0
0
1
M.
X
A
M
)
2
6
.
7
(
0
0
3
.


同様の部品番号 - M100FF3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M100FF3 ETC1-M100FF3 Datasheet
92Kb / 2P
   5,000 V - 16,000 V Rectifiers
logo
Voltage Multipliers Inc...
M100FF3 VMI-M100FF3 Datasheet
44Kb / 1P
   Spice Model
logo
New Jersey Semi-Conduct...
M100FF3 NJSEMI-M100FF3 Datasheet
278Kb / 1P
   High Voltage Diodes -Axial Lead
More results

同様の説明 - M100FF3

メーカー部品番号データシート部品情報
logo
Voltage Multipliers Inc...
X20FF3 VMI-X20FF3_13 Datasheet
100Kb / 2P
   High Voltage Diodes - Axial Lead 50mA - 420mA ??30ns - 50ns ??Hermetic
Z20FF3 VMI-Z20FF3_13 Datasheet
97Kb / 2P
   High Voltage Diodes - Axial Lead 180mA - 1000mA ??30ns - 50ns ??Hermetic
1N6838 VMI-1N6838_13 Datasheet
136Kb / 2P
   High Voltage Diodes - Axial Lead 500mA - 1500mA ??30ns - 50ns ??Hermetic
Z20FF3LL VMI-Z20FF3LL_13 Datasheet
106Kb / 2P
   High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
1N6838LL VMI-1N6838LL_13 Datasheet
142Kb / 2P
   High Voltage Diodes - Formed Lead 0.75A - 2.00A ??30ns - 50ns ??Hermetic
SXF25FF3 VMI-SXF25FF3 Datasheet
80Kb / 1P
   High Voltage Diodes - Axial Lead 0.42A - 0.25A ??30ns - 100ns
MR140FF5 VMI-MR140FF5 Datasheet
60Kb / 1P
   High Voltage Diodes - Axial Lead 10 mA ??50ns - 3000ns
X25UFG VMI-X25UFG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??100ns ??Hermetic
M25FG VMI-M25FG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 10mA - 100mA ??200ns ??Hermetic
X25FG VMI-X25FG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com