データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD-130-4TNC データシート(PDF) 1 Page - Tyco Electronics

部品番号 CD-130-4TNC
部品情報  30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

CD-130-4TNC データシート(HTML) 1 Page - Tyco Electronics

  CD-130-4TNC Datasheet HTML 1Page - Tyco Electronics CD-130-4TNC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
5-18
30 dB Bi-directional Coupler, 500 Watt
2 - 32 MHz
CH-130-4
V2.00
Features
High Power Handling Capability – 500 Watts
Very Low Insertion Loss – 0.1 dB Max
Low VSWR – 1.1:1 Max
Ordering Information
Part Number
Package
CD-130-4 N
Connectorized
CD-130-4 TNC
Connectorized
CD-130-4 BNC
Connectorized
CD-130-4 SMA
Connectorized
Operating Characteristics
Functional Diagram
Guaranteed Specifications*
(-55°C to +85°C)
q
q
q
C-12
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.015
(.x = ±0.4)
WEIGHT (APPROX): 10 OUNCES 283 GRAMS
* All specifications apply with 50 ohm source and load impedance.
This product contains elements protected by United States Patent
Number 3,426,298.


同様の部品番号 - CD-130-4TNC

メーカー部品番号データシート部品情報
logo
CUI INC
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
   magnetic buzzer
CD-1206-SMT CUI-CD-1206-SMT Datasheet
350Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CD-1206-SMT CUI-CD-1206-SMT Datasheet
663Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/07/2020
logo
CUI Devices
CD-1206-SMT CUID-CD-1206-SMT Datasheet
635Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CD-1206-SMT CUI-CD-1206-SMT_V01 Datasheet
663Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/07/2020
More results

同様の説明 - CD-130-4TNC

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CD-920-4 MACOM-CD-920-4 Datasheet
73Kb / 2P
   20 dB Bi-directional Coupler 2 - 32 MHz
CH-138 MACOM-CH-138 Datasheet
128Kb / 2P
   11 dB Bi-directional Coupler 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-138 MA-COM-CH-138 Datasheet
61Kb / 2P
   11 dB, Bi-Directional Coupler, 10 - 500 MHz
logo
Tyco Electronics
CH35-0009-S MACOM-CH35-0009-S Datasheet
15Kb / 1P
   11 dB Directional Coupler 10 - 500 MHz
CH20-0059-S MACOM-CH20-0059-S Datasheet
18Kb / 1P
   11 dB Directional Coupler 500 - 1000 MHz
CH-CHS-137 MACOM-CH-CHS-137 Datasheet
155Kb / 2P
   19.5 dB Bi-Directional Coupler 0.5 - 400 MHz
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
logo
M/A-COM Technology Solu...
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
   20 dB, Bi-Directional Coupler
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com