データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM-108 データシート(PDF) 3 Page - Tyco Electronics

部品番号 FM-108
部品情報  Broadband Frequency Doubler, 10 - 4800 MHz Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

FM-108 データシート(HTML) 3 Page - Tyco Electronics

  FM-108 Datasheet HTML 1Page - Tyco Electronics FM-108 Datasheet HTML 2Page - Tyco Electronics FM-108 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Broadband Frequency Doubler, 10 - 4800 MHz Output
FM-107/FM-108/FMS-109
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
Spurious Response: F3 Suppression
Conversion Loss vs. Input Freq.
Spurious Response: F1 Suppression
3
Loss as a Quadrupler
6
8
10
12
14
16
18
0.00
0.05
0.25
0.75
1.25
1.75
2.10
2.40
3.00
Input Frequency (GHz)
10
15
20
25
30
35
40
0.20
2.00
4.00
6.00
8.00
Frequency (GHz)
15
20
25
30
35
40
45
50
0.00
0.10
1.00
1.50
2.00
2.20
2.75
Input Frequency (GHz)
0
10
20
30
40
50
60
70
Frequency (GHz)
Ordering Information
Part Number
Package
FM-107
Hermetic Flatpack Package (FP-2)
FM-108
Hermetic Package (TO-8-1)
FMS-109
Hermetic Surface Mount package (SF-1)


同様の部品番号 - FM-108

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
FM-108 MA-COM-FM-108 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
FM-108-PIN MA-COM-FM-108-PIN Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
More results

同様の説明 - FM-108

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
FM-107 MA-COM-FM-107 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
logo
Tyco Electronics
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
   Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
Mallory Sonalert Produc...
PT-1250WQ MSPI-PT-1250WQ Datasheet
85Kb / 1P
   Resonant Frequency (Hz) 4800 짹 500
logo
M/A-COM Technology Solu...
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
   Frequency Doubler
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com