データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1661 データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KTA1661
部品情報  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1661 データシート(HTML) 1 Page - KEC(Korea Electronics)

  KTA1661 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1661 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1998. 6. 15
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1661
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
HIGH CURRENT APPLICATION.
FEATURES
High Voltage : VCEO=-120V.
High Transition Frequency : fT=120MHz(Typ.).
1W(Monunted on Ceramic Substrate).
Small Flat Package.
Complementary to KTC4373.
MAXIMUM RATING (Ta=25
)
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. COLLECTOR (HEAT SINK)
A
C
K
F
MILLIMETERS
H
1. BASE
3. EMITTER
FF
D
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE Classification O:80 160, Y:120 240
PC* : KTA1661 mounted on ceramic substrate (250mm
2x0.8t)
Type Name
h
Rank
FE
Lot No.
Marking
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-120V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-120
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-1mA, IC=0
-5.0
-
-
V
DC Current Gain
hFE (Note)
VCE=-5V, IC=-100mA
80
-
240
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-
-1.0
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-500mA
-
-
-1.0
V
Transition Frequency
fT
VCE=-5V, IC=-100mA
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
30
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-800
mA
Base Current
IB
-160
mA
Collector Power Dissipation
PC
500
mW
PC*
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150


同様の部品番号 - KTA1661

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1661 KEC-KTA1661 Datasheet
337Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Guangdong Kexin Industr...
KTA1661 KEXIN-KTA1661 Datasheet
50Kb / 1P
   Epitaxial Planar PNP Transistor
logo
Nanjing International G...
KTA1661 DGNJDZ-KTA1661 Datasheet
978Kb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA1661-O KEXIN-KTA1661-O Datasheet
917Kb / 2P
   PNP Transistors
KTA1661-Y KEXIN-KTA1661-Y Datasheet
917Kb / 2P
   PNP Transistors
More results

同様の説明 - KTA1661

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com