データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3305PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF3305PBF
部品情報  FULLY AVALANCHE RATED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3305PBF データシート(HTML) 1 Page - International Rectifier

  IRF3305PBF Datasheet HTML 1Page - International Rectifier IRF3305PBF Datasheet HTML 2Page - International Rectifier IRF3305PBF Datasheet HTML 3Page - International Rectifier IRF3305PBF Datasheet HTML 4Page - International Rectifier IRF3305PBF Datasheet HTML 5Page - International Rectifier IRF3305PBF Datasheet HTML 6Page - International Rectifier IRF3305PBF Datasheet HTML 7Page - International Rectifier IRF3305PBF Datasheet HTML 8Page - International Rectifier IRF3305PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
07/23/10
www.irf.com
1
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 8.0mΩ
ID = 75A
S
D
G
Description
l
Designed to support Linear Gate Drive
Applications
l
175°C Operating Temperature
l
Low Thermal Resistance Junction - Case
l
Rugged Process Technology and Design
l
Fully Avalanche Rated
l
Lead-Free
Features
TO-220AB
IRF3305PbF
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
i
–––
0.45
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
i
–––
62
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)
330
2.2
± 20
Max.
140
99
560
75
860
470
See Fig.12a, 12b, 15, 16
This HEXFET Power MOSFET utilizes a rugged
planar process technology and device design,
which greatly improves the Safe Operating Area
(SOA) of the device. These features, coupled
with 175°C junction operating temperature and
"low thermal resistance of 0.45C/W"
PD - 95758A


同様の部品番号 - IRF3305PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF Datasheet
186Kb / 10P
   HEXFET짰 Power MOSFET
More results

同様の説明 - IRF3305PBF

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
AUIRLR024N IRF-AUIRLR024N Datasheet
328Kb / 13P
   Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
logo
Infineon Technologies A...
BSL716SN INFINEON-BSL716SN Datasheet
533Kb / 10P
   Avalanche rated
Rev 2.0 2014-09-30
BSL303SPE INFINEON-BSL303SPE Datasheet
417Kb / 10P
   Avalanche rated
Rev 2.0 2014-11-18
logo
STMicroelectronics
STPS30H60C STMICROELECTRONICS-STPS30H60C Datasheet
281Kb / 11P
   Avalanche rated
March 2007 Rev 2
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
   Avalanche Energy Rated
logo
NXP Semiconductors
BUK9Y3R0-40E NXP-BUK9Y3R0-40E Datasheet
325Kb / 13P
   Repetitive avalanche rated
12 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com