データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLO81100-01960 データシート(PDF) 1 Page - Tyco Electronics

部品番号 MLO81100-01960
部品情報  Surface Mount Voltage Controlled Oscillator PCS 1930 - 1990 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

MLO81100-01960 データシート(HTML) 1 Page - Tyco Electronics

  MLO81100-01960 Datasheet HTML 1Page - Tyco Electronics MLO81100-01960 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Voltage Controlled Oscillator
MLO81100-01960
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V4.00
4. Devices may be operated at lower typical supply voltage with
reduced performance.
5. For typical phase noise at other offsets see phase noise curve.
6. Defined as (1990-1930) / (V
T 1990 - VT 1930) MHz/V.
7. Non harmonic spurious less than -70dBc.
Features
• Miniature Size
• Surface Mount Package
• Electrically Shielded
• Low Phase Noise
• Highly Linear Tuning
Description
The MLO81100-01960 is a fundamental single ended oscillator
designed for use in cost sensitive wireless and telemetry applica-
tions. The device has been optimized by careful selection of the
bipolar transistor and varactor diode for low phase noise and high
linearity tuning characteristics.
The low profile surface mount package used provides for
electrical shielding, ease of assembly and repeatable perfor-
mance. M/A-COM’s surface mount manufacturing tech-
niques together with automatic assembly and electrical
testing ensure a high degree of electrical and mechanical
repeatability at low cost and in high volume. Manufacturing
is carried out in an ISO 9000 qualified facility.
Electrical Specifications
1, T
A = +25°C, VCC = +5V (unless otherwise stated)
LSM1 Package
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range
MHz
1930
1990
Tuning Voltage (V
T)
2
V
+0.5
+4.5
RF Output Power
3
1930 - 1990 MHz
dBm
-3.0
+3.0
Supply Voltage (V
CC)
4
V
+4.75
+5.00
+5.25
Supply Current (I
CC)—
mA
13
15
Phase Noise
5
SSB at 100 kHz offset from carrier
dBc/Hz
-118
-115
Average Tuning Sensitivity
6
1930 - 1990 MHz
MHz/V
31
Tuning Linearity
1930 - 1990 MHz
Ratio
1.2
2.0
Harmonic Outputs
7
—dBc
-22
-15
Frequency Pushing
V
CC 4.75V to 5.25V
MHz/V
1.7
3.0
Frequency Pulling
1.5:1 VSWR load, all phases
MHz
4.5
5.5
Frequency Drift
-20°C to +70°C
MHz/°C
-0.16
Tune Input Capacitance
pF
50
1. All specifications apply with a 50 ohm load impedance.
2. Tuning voltages shown are the minimum and maximum voltages
required to tune the frequency range including temperature effects -
20°C to +70°C. Devices will oscillate normally with tuning voltages
from 0V to +10V.
3. Output power window includes unit to unit variation, temperature
effects -20°C to +70°C and frequency flatness (typically 0.5 dB at
any constant temperature).
Surface Mount Voltage Controlled Oscillator
PCS 1930 - 1990 MHz
MLO81100-01960


同様の部品番号 - MLO81100-01960

メーカー部品番号データシート部品情報
logo
Tyco Electronics
MLO81100-01650 MACOM-MLO81100-01650 Datasheet
97Kb / 2P
   Surface Mount Voltage Controlled Oscillator PCS 1600 - 1700 MHz
MLO81100-01700 MACOM-MLO81100-01700 Datasheet
97Kb / 2P
   Surface Mount Voltage Controlled Oscillator PCS 1650 - 1750 MHz
MLO81100-01810 MACOM-MLO81100-01810 Datasheet
97Kb / 2P
   Surface Mount Voltage Controlled Oscillator PCS 1770 - 1850 MHz
MLO81100-01850 MACOM-MLO81100-01850 Datasheet
33Kb / 2P
   Surface Mount Voltage Controlled Oscillator DCS 1800 - 1900 MHz
More results

同様の説明 - MLO81100-01960

メーカー部品番号データシート部品情報
logo
Tyco Electronics
EMRS-6X8 MACOM-EMRS-6X8 Datasheet
142Kb / 2P
   E-Series Surface Mount Mixer 1930 - 1990 MHz
MLO81100-01810 MACOM-MLO81100-01810 Datasheet
97Kb / 2P
   Surface Mount Voltage Controlled Oscillator PCS 1770 - 1850 MHz
MLO81100-01650 MACOM-MLO81100-01650 Datasheet
97Kb / 2P
   Surface Mount Voltage Controlled Oscillator PCS 1600 - 1700 MHz
MLO81100-01700 MACOM-MLO81100-01700 Datasheet
97Kb / 2P
   Surface Mount Voltage Controlled Oscillator PCS 1650 - 1750 MHz
logo
TriQuint Semiconductor
AGR19060E TRIQUINT-AGR19060E Datasheet
412Kb / 10P
   60 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19045EF TRIQUINT-AGR19045EF Datasheet
331Kb / 10P
   45 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19125E TRIQUINT-AGR19125E Datasheet
395Kb / 10P
   125 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19030EF TRIQUINT-AGR19030EF Datasheet
355Kb / 10P
   30 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19090E TRIQUINT-AGR19090E Datasheet
395Kb / 10P
   90 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19180EF TRIQUINT-AGR19180EF Datasheet
438Kb / 9P
   180 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com