データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3315SPBF データシート(PDF) 9 Page - International Rectifier

部品番号 IRF3315SPBF
部品情報  ADVANCED PROCESS TECHNOLOGY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3315SPBF データシート(HTML) 9 Page - International Rectifier

Back Button IRF3315SPBF Datasheet HTML 3Page - International Rectifier IRF3315SPBF Datasheet HTML 4Page - International Rectifier IRF3315SPBF Datasheet HTML 5Page - International Rectifier IRF3315SPBF Datasheet HTML 6Page - International Rectifier IRF3315SPBF Datasheet HTML 7Page - International Rectifier IRF3315SPBF Datasheet HTML 8Page - International Rectifier IRF3315SPBF Datasheet HTML 9Page - International Rectifier IRF3315SPBF Datasheet HTML 10Page - International Rectifier IRF3315SPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRF3315S/LPbF
www.irf.com
9
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
ASSE MB L Y
LOT CODE
RE CT IF IE R
INT E RNAT IONAL
AS S E MB L E D ON WW 19, 1997
Note: "P" in as s embly line
pos ition indicates "L ead-F ree"
IN T HE AS S E MB LY LINE "C"
LOGO
T HIS IS AN IRL 3103L
L OT CODE 1789
EXAMPL E:
LINE C
DAT E CODE
WEEK 19
YE AR 7 = 1997
PART NUMB E R
PART NUMB E R
LOGO
LOT CODE
ASSE MB L Y
INT E RNAT IONAL
RE CT IF IER
PRODUCT (OPT IONAL)
P = DE S IGNAT E S L E AD-F REE
A = ASSE MB L Y SIT E CODE
WEEK 19
YE AR 7 = 1997
DAT E CODE
OR


同様の部品番号 - IRF3315SPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3315SPBF IRF-IRF3315SPBF Datasheet
386Kb / 10P
   HEXFET Power MOSFET
More results

同様の説明 - IRF3315SPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com